Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22916CNYFPT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22916CNYFPT
Descripción Electrónicos  1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22916CNYFPT Datasheet(HTML) 1 Page - Texas Instruments

  TPS22916CNYFPT Datasheet HTML 1Page - Texas Instruments TPS22916CNYFPT Datasheet HTML 2Page - Texas Instruments TPS22916CNYFPT Datasheet HTML 3Page - Texas Instruments TPS22916CNYFPT Datasheet HTML 4Page - Texas Instruments TPS22916CNYFPT Datasheet HTML 5Page - Texas Instruments TPS22916CNYFPT Datasheet HTML 6Page - Texas Instruments TPS22916CNYFPT Datasheet HTML 7Page - Texas Instruments TPS22916CNYFPT Datasheet HTML 8Page - Texas Instruments TPS22916CNYFPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
L
H
TPS22916xx
VIN
VOUT
RL
CL
ON
GND
VIN
+
±
CIN
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22916
SLVSDO5A – JULY 2017 – REVISED SEPTEMBER 2017
TPS22916xx 1-V – 5.5-V, 2-A, 60-mΩ Ultra-Low Leakage Load Switch
1
1 Features
1
Input Operating Voltage Range (VIN): 1 V–5.5 V
Maximum Continuous Current (IMAX): 2 A
ON-Resistance (RON):
5 VIN = 60 mΩ (typ), 100 mΩ (85°C max)
1.8 VIN = 100 mΩ (typ), 150 mΩ (85°C max)
1 VIN = 200 mΩ (typ), 325 mΩ (85°C max)
Ultra-Low Power Consumption:
ON State (IQ): 0.5 µA (typ), 1 µA (max)
OFF State (ISD): 10 nA (typ), 100 nA (max)
TPS22916CL (ISD): 100 nA (typ), 300 nA (max)
Smart ON Pin Pull Down (RPD):
ON
≥ VIH (ION): 10 nA (max)
ON
≤ VIL (RPD): 750 kΩ (typ)
Slow Timing in C Version Limits Inrush Current:
5-V Turnon time (tON): 1400 µs at 5 mV/µs
1.8-V Turnon time (tON): 3000 µs at 1 mV/µs
1-V Turnon time (tON): 6500 µs at 0.3 mV/µs
Fast Timing in B Version Reduces Wait Time:
5-V Turnon time (tON): 115 µs at 57 mV/µs
1.8-V Turnon time (tON): 250 µs at 12 mV/µs
1-V Turnon time (tON): 510 µs at 3.3 mV/µs
Always-ON True Reverse Current Blocking (RCB):
Activation Current (IRCB): –500 mA (typ)
Reverse Leakage (IIN,RCB): –300 nA (max)
Quick Output Discharge (QOD): 150
Ω (typ)
(N version has no QOD)
Active Low Enable Option (L Version)
2 Applications
Wearables
Smartphones
Tablets
Portable Speakers
3 Description
The TPS22916xx is a small, single channel load
switch using a low leakage P-Channel MOSFET for
minimum power loss. Advanced gate control design
supports operating voltages as low as 1 V with
minimal increase in ON-Resistance and power loss.
Multiple timing options are available to support
various
system
loading
conditions.
For
heavy
capacitive loads, the slow turnon timing in the C
version minimizes the inrush current. In cases with
light capacitive loads, the fast timing in the B version
reduces required wait time.
The switch ON state is controlled by a digital input
that is capable of interfacing directly with low-voltage
control signals. Both Active High and Active Low (L)
versions are available. When power is first applied, a
Smart Pull Down is used to keep the ON pin from
floating until system sequencing is complete. Once
the ON pin is deliberately driven high (
≥VIH), the
Smart
Pull
Down
is
disconnected
to
prevent
unnecessary power loss.
The TPS22916xx is available in a small, space
saving 0.74-mm × 0.74-mm, 0.4-mm pitch, 0.5-mm
height 4-pin Wafer-Chip-Scale (WCSP) package
(YFP). The device is characterized for operation over
a temperature range of –40°C to +85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22916xx
WCSP (4)
0.74 mm × 0.74 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Device Comparison Table
VERSION
TIMING
QOD
ENABLE (ON)
TPS22916B
Fast
Yes
Active High
TPS22916C
Slow
Yes
Active High
TPS22916CN
Slow
No
Active High
TPS22916CL
Slow
Yes
Active Low
Simplified Schematic


Número de pieza similar - TPS22916CNYFPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22916CNYFPT TI-TPS22916CNYFPT Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916CNYFPT TI-TPS22916CNYFPT Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
More results

Descripción similar - TPS22916CNYFPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com