Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22916CYFPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22916CYFPR
Descripción Electrónicos  1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22916CYFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22916CYFPR Datasheet HTML 3Page - Texas Instruments TPS22916CYFPR Datasheet HTML 4Page - Texas Instruments TPS22916CYFPR Datasheet HTML 5Page - Texas Instruments TPS22916CYFPR Datasheet HTML 6Page - Texas Instruments TPS22916CYFPR Datasheet HTML 7Page - Texas Instruments TPS22916CYFPR Datasheet HTML 8Page - Texas Instruments TPS22916CYFPR Datasheet HTML 9Page - Texas Instruments TPS22916CYFPR Datasheet HTML 10Page - Texas Instruments TPS22916CYFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
TPS22916
www.ti.com
SLVSDO5A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: TPS22916
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Switching Characteristics (continued)
Unless otherwise noted, the typical characteristics in the following table applies over the entire recommended power supply
voltage range of 1 V to 5.5 V at 25°C with a load of CL = 0.1µF, RL = 10Ω.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Devices without Quick Output Discharge (QOD) may not discharge completely.
TPS22916C, TPS22916CN, TPS22916CL
tON
Turn On Time
VIN = 5 V
1400
µs
VIN = 3.6 V
1700
VIN = 1.8 V
3000
VIN = 1.2 V
5000
VIN = 1 V
6500
tRISE
Rise Time
VIN = 5 V
800
µs
VIN = 3.6 V
900
VIN = 1.8 V
1400
VIN = 1.2 V
2300
VIN = 1 V
3000
SRON
Slew Rate
VIN = 5 V
5
mV/µs
VIN = 3.6 V
3.2
VIN = 1.8 V
1
VIN = 1.2 V
0.4
VIN = 1 V
0.3
tOFF
Turn Off Time
VIN = 5 V
5
µs
VIN = 3.6 V
5
VIN = 1.8 V
10
VIN = 1.2 V
15
VIN = 1 V
25
tFALL
Fall Time(2)
CL = 0.1 µF, RL = 10 Ω
(1)
2.3
µs
CL = 10µF, RL = Open(1)
3150


Número de pieza similar - TPS22916CYFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22916CYFPR TI1-TPS22916CYFPR Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916CYFPR TI-TPS22916CYFPR Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916CYFPR TI-TPS22916CYFPR Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
More results

Descripción similar - TPS22916CYFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com