Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DMS3102A10SL-10PW Datasheet(PDF) 4 Page - DDK Ltd. |
|
DMS3102A10SL-10PW Datasheet(HTML) 4 Page - DDK Ltd. |
4 / 18 page http://www.ddknet.co.jp D/MS A/B Series 4 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. ○ Insert Arrangement List Front View of Pin Contact Number of Contact 1 2 Insert Arrangement Insert Number 20-2 10SL-4 12S-3 14S-9 20-23 32-5 Contact Size 1-#0 2-#16 2-#16 2-#16 2-#8 2-#0 Service Rating D A A A A D Rated Current 150A 13A 13A 13A 46A 150A Number of Contact 3 Insert Arrangement Insert Number 10SL-3 14S-1 14S-7 16S-5 16-10 18-5 18-21 Contact Size 3-#16 3-#16 3-#16 3-#16 3-#12 2-#12、1-#16 3-#12 Service Rating A A A A A D A Rated Current 13A 13A 13A 13A 23A #12 : 23A #16 : 13A 23A Number of Contact 3 Insert Arrangement Insert Number 18-22 22-2 28-6 36-4 Contact Size 3-#16 3-#8 3-#4 3-#0 Service Rating D D D D(A) A(BC) Rated Current 13A 46A 80A 150A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A Contact Size Symbol Service Rating・・・・・・ INST A D E Rated Voltage AC(r.m.s.) 200 500 900 1,250 Rated Voltage DC ・・・ 250 700 1,200 1,750 Contact Size・・・・・・・・・・・ #16 #12 #8 #4 #0 MAX Current /Contact ・・・・・・ 13 23 46 80 150 #16 #12 #8 #4 #0 B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A B A B A A B A B B A A C B A B C A B C A B C D C D B A A B C D A B C D A D B C D C B A B C A D D A B C C B D A A C B B A C B A C B C A A C B A B C A B C C B A |
Número de pieza similar - DMS3102A10SL-10PW |
|
Descripción similar - DMS3102A10SL-10PW |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |