Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES5D Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

No. de pieza ES5D
Descripción Electrónicos  5 .0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Página de inicio  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ES5D Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ES5D Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ES5D Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES5 A – ES5 J
Characteristic
Symbol
ES5 A
ES5 B
ES5 C
ES5 D
ES5 E
ES5 G
ES5 J
Unit
5 .0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES5 A – ES5 J
Case: SMB/DO-214AA,DO-214AB, Molded Plastic
Classification Rating 94V-O
Super-Fast Recovery Time
Low Power Loss
Ideally Suited for Automatic Assembly
Surge Overload Rating to100A Peak
pF
Features
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
@TL = 120°C
IO
4.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF = 4.0A
VFM
0.95
1.30
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Reverse Recovery Time (Note 1)
trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 3)
RJL
35
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
45
A
B
C
D
G
H
E
J
!
!
Lead Free: For RoHS / Lead Free Version
Weight: SMC Weight: 0.20 grams (approx.)
SMC/DO-214AB
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.25
D
0.152
0.305
E
7.75
8.13
F
2.00
2.62
G
0.051
0.203
H
0.76
1.27
All Dimensions in mm
Alldatasheet


Número de pieza similar - ES5D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
ES5D FORMOSA-ES5D Datasheet
119Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES5D YIXIN-ES5D Datasheet
244Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
logo
Guangdong Juxing Electr...
ES5D JUXING-ES5D Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
logo
Thinki Semiconductor Co...
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
More results

Descripción similar - ES5D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
ER5A ZSELEC-ER5A Datasheet
104Kb / 2P
   5 .0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
SFB510 ZSELEC-SFB510 Datasheet
123Kb / 2P
   5 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURF510 ZSELEC-MURF510 Datasheet
171Kb / 2P
   5 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFF510 ZSELEC-SFF510 Datasheet
94Kb / 2P
   5 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
RS5A ZSELEC-RS5A Datasheet
113Kb / 2P
   5 .0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS5ABF ZSELEC-RS5ABF Datasheet
116Kb / 2P
   5 .0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
SF510 ZSELEC-SF510 Datasheet
97Kb / 2P
   .0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFF1510 ZSELEC-SFF1510 Datasheet
138Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR1510 ZSELEC-MUR1510 Datasheet
203Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURF1510 ZSELEC-MURF1510 Datasheet
171Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com