Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMS3102A12S-10PX Datasheet(PDF) 4 Page - DDK Ltd.

No. de pieza DMS3102A12S-10PX
Descripción Electrónicos  MIL-DTL-5015 Style Circular Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DDK [DDK Ltd.]
Página de inicio  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3102A12S-10PX Datasheet(HTML) 4 Page - DDK Ltd.

  DMS3102A12S-10PX Datasheet HTML 1Page - DDK Ltd. DMS3102A12S-10PX Datasheet HTML 2Page - DDK Ltd. DMS3102A12S-10PX Datasheet HTML 3Page - DDK Ltd. DMS3102A12S-10PX Datasheet HTML 4Page - DDK Ltd. DMS3102A12S-10PX Datasheet HTML 5Page - DDK Ltd. DMS3102A12S-10PX Datasheet HTML 6Page - DDK Ltd. DMS3102A12S-10PX Datasheet HTML 7Page - DDK Ltd. DMS3102A12S-10PX Datasheet HTML 8Page - DDK Ltd. DMS3102A12S-10PX Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
http://www.ddknet.co.jp
D/MS A/B Series
4
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○ Insert Arrangement List
Front View of Pin Contact
Number of Contact
1
2
Insert
Arrangement
Insert Number
20-2
10SL-4
12S-3
14S-9
20-23
32-5
Contact Size
1-#0
2-#16
2-#16
2-#16
2-#8
2-#0
Service Rating
D
A
A
A
A
D
Rated Current
150A
13A
13A
13A
46A
150A
Number of Contact
3
Insert
Arrangement
Insert Number
10SL-3
14S-1
14S-7
16S-5
16-10
18-5
18-21
Contact Size
3-#16
3-#16
3-#16
3-#16
3-#12
2-#12、1-#16
3-#12
Service Rating
A
A
A
A
A
D
A
Rated Current
13A
13A
13A
13A
23A
#12 : 23A
#16 : 13A
23A
Number of Contact
3
Insert
Arrangement
Insert Number
18-22
22-2
28-6
36-4
Contact Size
3-#16
3-#8
3-#4
3-#0
Service Rating
D
D
D
D(A)
A(BC)
Rated Current
13A
46A
80A
150A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
Contact Size Symbol
Service Rating・・・・・・ INST
A
D
E
Rated Voltage AC(r.m.s.)
200
500
900
1,250
Rated Voltage DC ・・・ 250
700
1,200 1,750
Contact Size・・・・・・・・・・・ #16
#12
#8
#4
#0
MAX
Current /Contact ・・・・・・ 13
23
46
80
150
#16
#12
#8
#4
#0
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A


Número de pieza similar - DMS3102A12S-10PX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DDK Ltd.
DMS3102E10SL DDK-DMS3102E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
DMS3102E10SL-29PBSL-0 DDK-DMS3102E10SL-29PBSL-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3102E10SL-29PBSL-1 DDK-DMS3102E10SL-29PBSL-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3102E10SL-29PBSL-2 DDK-DMS3102E10SL-29PBSL-2 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3102E10SL-29PBSN-0 DDK-DMS3102E10SL-29PBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
More results

Descripción similar - DMS3102A12S-10PX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
logo
Amphenol Corporation
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
10-597107-171 AMPHENOL-10-597107-171 Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com