Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS11V-06180-CH Datasheet(PDF) 2 Page - Kemet Corporation

No. de pieza SS11V-06180-CH
Descripción Electrónicos  SS Coils, SS11V/H-CH Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS11V-06180-CH Datasheet(HTML) 2 Page - Kemet Corporation

  SS11V-06180-CH Datasheet HTML 1Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 2Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 3Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 4Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 5Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0023_SS11V/H-CH • 6/16/2014
AC Line Filters – SS Coils, SS11V/H-CH Type
Dimensions – Millimeters
SS11V-CH
13 ±0.5
10 ±0.5
14.5 ±1.0
Marking
13 ±0.5
22 ±1.0
ø0.8
Marking
18 ±0.5
21 ±1.0
14 ±0.5
20.5 ±1.0
ø0.8
18.0 ±0.5
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
SS11H-CH


Número de pieza similar - SS11V-06180-CH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.018 H
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
346Kb / 6P
   Common Mode SS Coils, 11V/H-CH Series
More results

Descripción similar - SS11V-06180-CH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
   SS Coils, SS28V/H-CH Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
   SS Coils, SS24V/H-CH Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
   SS Coils, SS35V/H Type
SS11V-07120-CH KEMET-SS11V-07120-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.012 H
SS11H-03550-CH KEMET-SS11H-03550-CH_V01 Datasheet
346Kb / 6P
   Common Mode SS Coils, 11V/H-CH Series
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.018 H
SS11H-R10093-CH KEMET-SS11H-R10093-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 9300 uH
SS11V-08083-CH KEMET-SS11V-08083-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 8300 uH
SS11V-R10093-CH KEMET-SS11V-R10093-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 9300 uH
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
   SS Coils, SS21V Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com