Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS11V-06180-CH Datasheet(PDF) 6 Page - Kemet Corporation

No. de pieza SS11V-06180-CH
Descripción Electrónicos  SS Coils, SS11V/H-CH Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS11V-06180-CH Datasheet(HTML) 6 Page - Kemet Corporation

  SS11V-06180-CH Datasheet HTML 1Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 2Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 3Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 4Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 5Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0023_SS11V/H-CH • 6/16/2014
AC Line Filters – SS Coils, SS11V/H-CH Type
Disclaimer
This product has been made available through a Private Label Agreement and a Development and Cross-Licensing Agreement between KEMET and NEC TOKIN to expand market
and product offerings for both companies and their respective customers. For more information, please visit http://www.kemet.com/nectokin.
Allproductspecifications,statements,informationanddata(collectively,the“Information”)inthisdatasheetaresubjecttochange.Thecustomerisresponsibleforcheckingand
verifying the extent to which the Information contained in this publication is applicable to an order at the time the order is placed.
All Information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied.
StatementsofsuitabilityforcertainapplicationsarebasedonKEMETElectronicsCorporation’s(“KEMET”)knowledgeoftypicaloperatingconditionsforsuchapplications,butare
notintendedtoconstitute–andKEMETspecificallydisclaims–anywarrantyconcerningsuitabilityforaspecificcustomerapplicationoruse.TheInformationisintendedforuseonly
by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by KEMET with reference to the use of KEMET’s products is given gratis, and KEMET assumes no obligation or liability for the advice given or results obtained.
Although KEMET designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still
occur. Accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective
circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage.
Although all product–related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not
be required.


Número de pieza similar - SS11V-06180-CH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.018 H
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
346Kb / 6P
   Common Mode SS Coils, 11V/H-CH Series
More results

Descripción similar - SS11V-06180-CH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
   SS Coils, SS28V/H-CH Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
   SS Coils, SS24V/H-CH Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
   SS Coils, SS35V/H Type
SS11V-07120-CH KEMET-SS11V-07120-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.012 H
SS11H-03550-CH KEMET-SS11H-03550-CH_V01 Datasheet
346Kb / 6P
   Common Mode SS Coils, 11V/H-CH Series
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.018 H
SS11H-R10093-CH KEMET-SS11H-R10093-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 9300 uH
SS11V-08083-CH KEMET-SS11V-08083-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 8300 uH
SS11V-R10093-CH KEMET-SS11V-R10093-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 9300 uH
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
   SS Coils, SS21V Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com