Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC26LS30D Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza MC26LS30D
Descripción Electrónicos  Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30D Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC26LS30D Datasheet HTML 7Page - ON Semiconductor MC26LS30D Datasheet HTML 8Page - ON Semiconductor MC26LS30D Datasheet HTML 9Page - ON Semiconductor MC26LS30D Datasheet HTML 10Page - ON Semiconductor MC26LS30D Datasheet HTML 11Page - ON Semiconductor MC26LS30D Datasheet HTML 12Page - ON Semiconductor MC26LS30D Datasheet HTML 13Page - ON Semiconductor MC26LS30D Datasheet HTML 14Page - ON Semiconductor MC26LS30D Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC26LS30
http://onsemi.com
11
SYSTEM EXAMPLES
(Pin numbers refer to SO–16 package only.)
Differential System
An example of a typical EIA–422–A system is shown in
Figure 17. Although EIA–422–A does not specifically
address multiple driver situations, the MC26LS30 can be
used in this manner since the outputs can be put into a high
impedance mode. It is, however, the system designer’s
responsibility to ensure the Enable pins are properly
controlled so as to prevent two drivers on the same cable from
being “on” at the same time.
The limit on the number of receivers and drivers which
may be connected on one system is determined by the input
current of each receiver, the maximum leakage current of
each “off” driver, and the DC current through each
terminating resistor. The sum of these currents must not
exceed the capability of the “on” driver (
≈60 mA). If the
cable is of any significant length, with receivers at various
points along its length, the common mode voltage may vary
along its length, and this parameter must be considered when
calculating the maximum driver current.
The cable requirements are defined not only by the AC
characteristics and the data rate, but also by the DC resistance.
The maximum resistance must be such that the minimum
voltage across any receiver inputs is never less than 200 mV.
The ground terminals of each driver and receiver in Figure
17 must be connected together by a dedicated wire (or the
shield) in the cable to provide a common reference. Chassis
grounds or power line grounds should not be relied on for
this common connection as they may generate significant
common mode differences. Additionally, they usually do
not provide a sufficiently low impedance at the frequencies
of interest.
Single–Ended System
An example of a typical EIA–423–A system is shown in
Figure 18. Multiple drivers on a single data line are not
possible since the drivers cannot be put into a high
impedance mode. Although each driver is shown connected
to a single receiver, multiple receivers can be driven from a
single driver as long as the total load current of the receivers
and the terminating resistor does not exceed the capability
of the driver (
≈60 mA). If the cable is of any significant
length, with receivers at various points along its length, the
common mode voltage may vary along its length, and this
parameter must be considered when calculating the
maximum driver current.
The cable requirements are defined not only by the AC
characteristics and the data rate, but also by the DC
resistance. The maximum resistance must be such that the
minimum voltage across any receiver inputs is never less
than 200 mV.
The ground terminals of each driver and receiver in
Figure 18 must be connected together by a dedicated wire
(or the shield) in the cable so as to provide a common
reference. Chassis grounds or power line grounds should not
be relied on for this common connection as they may
generate
significant
common
mode
differences.
Additionally, they usually do not provide a sufficiently low
impedance at the frequencies of interest.
Additional Modes of Operation
If compliance with EIA–422–A or EIA–423–A Standard
is not required in a particular application, the MC26LS30
can be operated in two other modes.
1) The device may be operated in the differential mode
(Pin 4 = 0) with VEE connected to any voltage between
ground and –5.25 V. Outputs in the low state will be
referenced to VEE, resulting in a differential output voltage
greater than that shown in Figure 6. The Enable pins will
operate the same as previously described.
2) The device may be operated in the single–ended mode
(Pin 4 = 1) with VEE connected to any voltage between
ground and –5.25 V. Outputs in the high state will be at a
voltage as shown in Figure 10, while outputs in a low state
will be referenced to VEE.
Termination Resistors
Transmission line theory states that, in order to preserve
the shape and integrity of a waveform traveling along a
cable, the cable must be terminated in an impedance equal
to its characteristic impedance. In a system such as that
depicted in Figure 17, in which data can travel in both
directions, both physical ends of the cable must be
terminated. Stubs leading to each receiver and driver should
be as short as possible.
In a system such as that depicted in Figure 18, in which
data normally travels in one direction only, a terminator is
theoretically required only at the receiving end of the cable.
However, if the cable is in a location where noise spikes of
several volts can be induced onto it, then a terminator
(preferably a series resistor) should be placed at the driver
end to prevent damage to the driver.
Leaving off the terminations will generally result in
reflections which can have amplitudes of several volts above
VCC or several volts below ground or VEE. These
overshoots/undershoots can disrupt the driver and/or
receiver, create false data, and in some cases, damage
components on the bus.


Número de pieza similar - MC26LS30D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC26LS30D ONSEMI-MC26LS30D Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30DG ONSEMI-MC26LS30DG Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30DR2G ONSEMI-MC26LS30DR2G Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
More results

Descripción similar - MC26LS30D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
MM78C29 NSC-MM78C29 Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Advanced Micro Devices
AM26LS29 AMD-AM26LS29 Datasheet
382Kb / 6P
   QUAD THREE-STATE SINGLE ENDED RS-423 LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com