Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMAS220CA Datasheet(PDF) 2 Page - E-CMOS Corporation |
|
SMAS220CA Datasheet(HTML) 2 Page - E-CMOS Corporation |
2 / 5 page 400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V E-CMOS Corp. (www.ecmos.com.tw) Page 2 of 5 4L05N-Rev. F001 SMAXX Series Electrical characteristics (AT T =25 C unless otherwise noted) Reverse Stand-off Voltage Test Current Maximum Re verse Leakage Current VRWM VBR MIN VBR MAX IT VC IPP IR @ VRWM V olts Volts Volts mA Volts A uA UNI BI SMA S5.0A SMAS5.0CA 5.0 6.40 7.00 10 9.2 43.5 800 AE WE SMA S6.0A SMAS6.0CA 6.0 6.67 7.37 10 10.3 38.0 800 AG WG SMA S6.5A SMAS6.5CA 6.5 7.22 7.98 10 11.2 35.7 500 AK WK SMA S7.0A SMAS7.0CA 7.0 7.78 8.60 10 12.0 33.3 200 AM WM SMA S7.5A SMAS7.5CA 7.5 8.33 9.21 1.0 12.9 31.0 100 AP WP SMA S8.0A SMAS8.0CA 8.0 8.89 9.83 1.0 13.6 29.4 50 AR WR SMA S8.5A SMAS8.5CA 8.5 9.44 10.4 1.0 14.4 27.7 20 AT WT SMA S9.0A SMAS9.0CA 9.0 10.0 11.1 1.0 15.4 26.0 10 AV WV SMAS10A SMAS1 0CA 10 11.1 12.3 1.0 17.0 23.5 5 AX WX SMAS11A SMAS1 1CA 11 12.2 13.5 1.0 18.2 22.0 5 AZ WZ SMAS12A SMAS1 2CA 12 13.3 14.7 1.0 19.9 20.1 5 BE XE SMAS13A SMAS1 3CA 13 14.4 15.9 1.0 21.5 18.6 5 BG XG SMAS14A SMAS1 4CA 14 15.6 17.2 1.0 23.2 17.2 5 BK XK SMAS15A SMAS1 5CA 15 16.7 18.5 1.0 24.4 16.4 5 BM XM SMAS16A SMAS1 6CA 16 17.8 19.7 1.0 26.0 15.4 5 BP XP SMAS17A SMAS1 7CA 17 18.9 20.9 1.0 27.6 14.5 5 BR XR SMAS18A SMAS1 8CA 18 20.0 22.1 1.0 29.2 13.7 5 BT XT SMAS20A SMAS2 0CA 20 22.2 24.5 1.0 32.4 12.3 5 BV XV SMAS22A SMAS2 2CA 22 24.4 26.9 1.0 35.5 11.2 5 BX XX SMAS24A SMAS2 4CA 24 26.7 29.5 1.0 38.9 10.3 5 BZ XZ SMAS26A SMAS2 6CA 26 28.9 31.9 1.0 42.1 9.5 5 CE YE SMAS28A SMAS2 8CA 28 31.1 34.4 1.0 45.4 8.8 5 CG YG SMAS30A SMAS3 0CA 30 33.3 36.8 1.0 48.4 8.3 5 CK YK SMAS33A SMAS3 3CA 33 36.7 40.6 1.0 53.3 7.5 5 CM Y M SMAS36A SMAS3 6CA 36 40.0 44.2 1.0 58.1 6.9 5 CP YP SMAS40A SMAS4 0CA 40 44.4 49.1 1.0 64.5 6.2 5 CR YR SMAS43A SMAS4 3CA 43 47.8 52.8 1.0 69.4 5.8 5 CT YT SMAS45A SMAS4 5CA 45 50.0 55.3 1.0 72.7 5.5 5 CV YV SMAS48A SMAS4 8CA 48 53.3 58.9 1.0 77.4 5.2 5 CX YX SMAS51A SMAS5 1CA 51 56.7 62.7 1.0 82.4 4.9 5 CZ YZ SMAS54A SMAS5 4CA 54 60.0 66.3 1.0 87.1 4.6 5 RE ZE SMAS58A SMAS5 8CA 58 64.4 71.2 1.0 93.6 4.3 5 RG ZG SMAS60A SMAS6 0CA 60 66.7 73.7 1.0 96.8 4.1 5 RK ZK SMAS64A SMAS6 4CA 64 71.1 78.6 1.0 103.0 3.9 5 RM ZM SMAS70A SMAS7 0CA 70 77.8 86.0 1.0 113.0 3.5 5 RP ZP SMAS75A SMAS7 5CA 75 83.3 92.1 1.0 121.0 3.3 5 RR ZR SMAS78A SMAS7 8CA 78 86.7 95.8 1.0 126.0 3.2 5 RT ZT SMAS85A SMAS8 5CA 85 94.4 104 1.0 137.0 2.9 5 RV ZV Breakdown Vol tage @ IT Part No.(Uni) Part No.(B i) Marking Code Maximu m Clamping V oltage@ IPP |
Número de pieza similar - SMAS220CA |
|
Descripción similar - SMAS220CA |