Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9690BCPZ-1000 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD9690BCPZ-1000
Descripción Electrónicos  Analog-to-Digital Converter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9690BCPZ-1000 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9690BCPZ-1000 Datasheet HTML 3Page - Analog Devices AD9690BCPZ-1000 Datasheet HTML 4Page - Analog Devices AD9690BCPZ-1000 Datasheet HTML 5Page - Analog Devices AD9690BCPZ-1000 Datasheet HTML 6Page - Analog Devices AD9690BCPZ-1000 Datasheet HTML 7Page - Analog Devices AD9690BCPZ-1000 Datasheet HTML 8Page - Analog Devices AD9690BCPZ-1000 Datasheet HTML 9Page - Analog Devices AD9690BCPZ-1000 Datasheet HTML 10Page - Analog Devices AD9690BCPZ-1000 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
AD9690
Data Sheet
Rev. B | Page 6 of 78
AC SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate for each speed grade, AIN = −1.0 dBFS, clock divider = 2, default SPI settings, TA = 25°C, unless otherwise noted.
Table 2.
AD9690-500
AD9690-1000
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
ANALOG INPUT FULL SCALE
Full
2.06
1.7
V p-p
NOISE DENSITY2
Full
−153
−154
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)3
fIN = 10 MHz
25°C
69.2
67.2
dBFS
fIN = 170 MHz
Full
67.8
69.0
65.1
66.6
dBFS
fIN = 340 MHz
25°C
68.6
65.3
dBFS
fIN = 450 MHz
25°C
68.0
64.0
dBFS
fIN = 765 MHz
25°C
64.4
61.5
dBFS
fIN = 985 MHz
25°C
63.8
60.5
dBFS
fIN = 1950 MHz
25°C
60.5
57.0
dBFS
SNR AND DISTORTION RATIO (SINAD)3
fIN = 10 MHz
25°C
69.0
67.1
dBFS
fIN = 170 MHz
Full
66.6
68.8
65.0
66.4
dBFS
fIN = 340 MHz
25°C
68.4
65.2
dBFS
fIN = 450 MHz
25°C
67.9
63.8
dBFS
fIN = 765 MHz
25°C
64.2
62.1
dBFS
fIN = 985 MHz
25°C
63.6
61.1
dBFS
fIN = 1950 MHz
25°C
60.3
56.0
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
11.2
10.8
Bits
fIN = 170 MHz
Full
10.8
11.1
10.5
10.7
Bits
fIN = 340 MHz
25°C
11.1
10.5
Bits
fIN = 450 MHz
25°C
11.0
10.3
Bits
fIN = 765 MHz
25°C
10.4
10.0
Bits
fIN = 985 MHz
25°C
10.3
9.8
Bits
fIN = 1950 MHz
25°C
9.7
9.0
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)3
fIN = 10 MHz
25°C
83
88
dBFS
fIN = 170 MHz
Full
80
88
75
85
dBFS
fIN = 340 MHz
25°C
83
85
dBFS
fIN = 450 MHz
25°C
81
82
dBFS
fIN = 765 MHz
25°C
80
82
dBFS
fIN = 985 MHz
25°C
75
80
dBFS
fIN = 1950 MHz
25°C
70
68
dBFS
WORST HARMONIC, SECOND OR THIRD3
fIN = 10 MHz
25°C
−83
−88
dBFS
fIN = 170 MHz
Full
−88
−75
−85
−75
dBFS
fIN = 340 MHz
25°C
−83
−85
dBFS
fIN = 450 MHz
25°C
−81
−82
dBFS
fIN = 765 MHz
25°C
−80
−82
dBFS
fIN = 985 MHz
25°C
−75
−80
dBFS
fIN = 1950 MHz
25°C
−70
−68
dBFS


Número de pieza similar - AD9690BCPZ-1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9690BCPZ-1000 AD-AD9690BCPZ-1000 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
More results

Descripción similar - AD9690BCPZ-1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com