Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PESD3V3L5UY Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza PESD3V3L5UY
Descripción Electrónicos  Low capacitance 5-fold ESD protection diode arrays in SOT363 package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3L5UY Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD3V3L5UY Datasheet HTML 2Page - NXP Semiconductors PESD3V3L5UY Datasheet HTML 3Page - NXP Semiconductors PESD3V3L5UY Datasheet HTML 4Page - NXP Semiconductors PESD3V3L5UY Datasheet HTML 5Page - NXP Semiconductors PESD3V3L5UY Datasheet HTML 6Page - NXP Semiconductors PESD3V3L5UY Datasheet HTML 7Page - NXP Semiconductors PESD3V3L5UY Datasheet HTML 8Page - NXP Semiconductors PESD3V3L5UY Datasheet HTML 9Page - NXP Semiconductors PESD3V3L5UY Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2004 Mar 23
6
Philips Semiconductors
Product specification
Low capacitance 5-fold ESD protection
diode arrays in SOT363 package
PESD3V3L5UY;
PESD5V0L5UY
GRAPHICAL DATA
001aaa208
tp (µs)
1104
103
10
102
10
102
Ppp
(W)
1
Fig.4
Peak pulse power dissipation as a function
of pulse time; typical values.
Tamb =25 °C.
Ipp = 8/20 µs exponentially decaying waveform; see Fig.2.
001aaa209
0.4
0.8
0.2
0.6
1.0
0
Tj (°C)
0
150
100
50
Ppp(Tj)
Ppp(Tj=25°C)
Fig.5
Relative variation of peak pulse power as a
function of junction temperature; typical
values.
VR (V)
05
4
23
1
(1)
(2)
001aaa210
10
5
15
25
20
Cd
(pF)
0
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
(1) PESD3V3L5UY.
(2) PESD5V0L5UY.
f = 1 MHz; Tamb =25 °C.
001aaa211
Tj (°C)
−75
−25
175
125
25
75
1
10
10−1
IR(Tj)
IR(Tj=25°C)
Fig.7
Relative variation of reverse leakage
current as a function of junction
temperature; typical values.


Número de pieza similar - PESD3V3L5UY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PESD3V3L5UY NXP-PESD3V3L5UY Datasheet
105Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
logo
Nexperia B.V. All right...
PESD3V3L5UY NEXPERIA-PESD3V3L5UY Datasheet
655Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
logo
Guangdong Youtai Semico...
PESD3V3L5UY UMW-PESD3V3L5UY Datasheet
360Kb / 7P
   ESD protection of up to five lines
More results

Descripción similar - PESD3V3L5UY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PESD5V0L5UV PHILIPS-PESD5V0L5UV Datasheet
85Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT666 package
2004 Mar 23
logo
Pan Jit International I...
PJESD5V6LC-5W PANJIT-PJESD5V6LC-5W Datasheet
206Kb / 4P
   LOW CAPACITANCE 5-FOLD ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESD5V0L6US PHILIPS-PESD5V0L6US Datasheet
97Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 02-9 November 2004
PESD5V0L6UAS NXP-PESD5V0L6UAS Datasheet
109Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03-18 August 2009
logo
Nexperia B.V. All right...
PESD5V0L6UAS NEXPERIA-PESD5V0L6UAS Datasheet
108Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03 - 18 August 2009
logo
NXP Semiconductors
PESD5V0L7BAS NXP-PESD5V0L7BAS Datasheet
109Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
logo
NXP Semiconductors
PESD5V0L7BAS PHILIPS-PESD5V0L7BAS Datasheet
98Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 02-25 November 2004
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
PESD3V3V4UW PHILIPS-PESD3V3V4UW Datasheet
73Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Rev. 01-22 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com