Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL1466KG Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

No. de pieza SL1466KG
Descripción Electrónicos  Wideband PLL FM Demodulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1466KG Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button SL1466KG Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1466KG Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1466KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1466KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1466KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1466KG Datasheet HTML 9Page - Zarlink Semiconductor Inc SL1466KG Datasheet HTML 10Page - Zarlink Semiconductor Inc SL1466KG Datasheet HTML 11Page - Zarlink Semiconductor Inc SL1466KG Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
7
SL1466
Fig. 5b SL1466 I.O ports internal circuitry
Vcc
AGC TIMECONSTANT (Pin 18)
VREF;Vcc –2.4V
AGC TIME CONSTANT
IF IP (Pins 21, 22)
VEE
2m
IF IP
350
350
415
415
VCC
IF IP
RF AGC SET (Pin 19)
REF;Vcc –2V
V
RF AGC SET
Vcc
VIDEO POLARITY (Pin 12)
5k
VIDEO
160k
2.5V
VEE
VEE
POLARITY
RF AGC control (Pin 15)
VEE
RF AGC CONTROL
IF AGC SET (Pin 17)
IF AGC SET
VREF
, Vcc –3.15V
VEE
RF AGC CONTROL (Pin 15)
IF AGC SET (Pin 17)
AGC TIME CONSTANT (Pin 18)


Número de pieza similar - SL1466KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
   Wideband PLL FM Demodulator Preliminary Information
More results

Descripción similar - SL1466KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
   Wideband PLL FM Demodulator
logo
List of Unclassifed Man...
SL1461 ETC2-SL1461 Datasheet
200Kb / 13P
   WIDEBAND PLL FM DEMODULATOR
logo
Unisonic Technologies
L2572 UTC-L2572 Datasheet
250Kb / 14P
   WIDEBAND PLL FM DEMODULATOR
logo
List of Unclassifed Man...
PS20100 ETC2-PS20100 Datasheet
800Kb / 11P
   Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
   Wideband PLL FM Demodulator
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
   Wideband PLL FM Demodulator Preliminary Information
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
   PLL FM Stereo Demodulator
logo
Silan Microelectronics ...
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com