Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL1615NAMP Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

No. de pieza SL1615NAMP
Descripción Electrónicos  WIDEBAND LOG IF STRIP AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1615NAMP Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

  SL1615NAMP Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SL1615
HEADQUARTERS OPERATIONS
GEC PLESSEY SEMICONDUCTORS
Cheney Manor, Swindon,
Wiltshire SN2 2QW, United Kingdom.
Tel: (0793) 518000
Fax: (0793) 518411
GEC PLESSEY SEMICONDUCTORS
P.O. Box 660017
1500 Green Hills Road,
Scotts Valley, California 95067-0017,
United States of America.
Tel: (408) 438 2900
Fax: (408) 438 5576
CUSTOMER SERVICE CENTRES
• FRANCE & BENELUX Les Ulis Cedex Tel: (1) 64 46 23 45 Tx: 602858F
Fax : (1) 64 46 06 07
• GERMANY Munich Tel: (089) 3609 06-0 Tx: 523980 Fax : (089) 3609 06-55
• ITALY Milan Tel: (02) 66040867 Fax: (02) 66040993
• JAPAN Tokyo Tel: (03) 3296-0281 Fax: (03) 3296-0228
• NORTH AMERICA Integrated Circuits and Microwave Products Scotts Valley, USA
Tel (408) 438 2900 Fax: (408) 438 7023.
Hybrid Products, Farmingdale, USA Tel (516) 293 8686
Fax: (516) 293 0061.
• SOUTH EAST ASIA Singapore Tel: (65) 3827708 Fax: (65) 3828872
• SWEDEN Stockholm, Tel: 46 8 702 97 70 Fax: 46 8 640 47 36
• UNITED KINGDOM & SCANDINAVIA
Swindon Tel: (0793) 518510 Tx: 444410 Fax : (0793) 518582
These are supported by Agents and Distributors in major countries world-wide.
© GEC Plessey Semiconductors 1993 Publication No. DS3613 Issue No. 1.0 June 1993
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded
as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company
reserves the right to alter without prior knowledge the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute
any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information
and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.


Número de pieza similar - SL1615NAMP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Electric Compan...
SL1610 GEC-SL1610 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1610C GEC-SL1610C Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1611 GEC-SL1611 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1611C GEC-SL1611C Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1612 GEC-SL1612 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
More results

Descripción similar - SL1615NAMP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
SL1613 ZARLINK-SL1613 Datasheet
181Kb / 7P
   WIDEBAND LOG IF STRIP AMPLIFIER
SL521 ZARLINK-SL521 Datasheet
327Kb / 7P
   150MHz WIDEBAND LOG AMPLIFIER
SL523 ZARLINK-SL523 Datasheet
359Kb / 9P
   100MHz DUAL WIDEBAND LOG AMPLIFIER
logo
List of Unclassifed Man...
SL531C ETC1-SL531C Datasheet
67Kb / 2P
   250MHz TRUE LOG IF AMPLIFIER
SL531AC ETC1-SL531AC Datasheet
234Kb / 8P
   250MHz TRUE LOG IF AMPLIFIER
logo
New Japan Radio
NJM2232A NJRC-NJM2232A Datasheet
289Kb / 8P
   FM IF WITH LOG AMPLIFIER
NJM2232A NJRC-NJM2232A_1 Datasheet
171Kb / 7P
   FM IF WITH LOG AMPLIFIER
logo
List of Unclassifed Man...
SL531 ETC1-SL531 Datasheet
114Kb / 4P
   250MHz TRUE LOG IF AMPLIFIER
logo
Intersil Corporation
ICL8048 INTERSIL-ICL8048 Datasheet
85Kb / 7P
   Log Amplifier
logo
New Japan Radio
NJM2204A NJRC-NJM2204A_1 Datasheet
158Kb / 5P
   LOG AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com