Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL1466QP1S Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

No. de pieza SL1466QP1S
Descripción Electrónicos  Wideband PLL FM Demodulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1466QP1S Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button SL1466QP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 9Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 10Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 11Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 12Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
8
SL1466
Fig. 5c SL1466 I.O ports internal circuitry
Fig. 6 Typical application circuit.
Note: Loop component values may need re-optimising on Application and VCO gain setting.
VCC
VIDEO+, VIDEO– (Pins 25, 26)
EE
V
500 A
VIDEO+
VCC
EE
V
500 A
VIDEO–
µ
µ
IF IP (Pins 21, 22)
VEE
2m
IF IP
350
350
415
415
VCC
IF IP
19
15
16
17
18
20
21
22
23
24
25
26
27
28
VCC
C13
1pF
C14
330pF
R9
1K3
R7
1K3
C9 330pF
C8 1pF
C6 10nF
C5 10nF
C7b
100pF
C7a
100nF
R10
50
C12a
100nF
C12b
100pF
H1
12
SMA
SKT1
RF IN
2
R4
4K7
C4
100nF
AGCTIMECONST
R5
1K8
R3
6K8
R11
10K
H5
H4
H3
2
2
2
1
1
1
VCC
C11
100nF
RFAGCCONT
NC
IF AGCSET
RFAGCSET
IF GND
IF IP
IF VCC
IF IP
VIDEOFB-
VIDEO-
VIDEO+
VIDEOFB+
VCC
GND
C10a
C10b
10uF
100nF
VCC
H7
1
2
43
S1
SW DIP-2
1
12
VCC
VIDEO OUT
SKT2
BNC
C2a
C2b
100nF
100
µF
VCC
14
NC
NC
13
12
VIDEOPOL
11 VIDEODRIVE
10
VCOGAINSET
9
4.5T,3MM,0 56"
L1
C1
NTC
0.5p. 750PPM
OSCGND
C3a
C3b
100nF
100pF
VCC
VCC
12
H8
H9
12
3
R1 100K
Tayo Yudan UMK107 UK0R5CZ-B
8
OSC-
OSC+
7
6
OSCVCC
5
AFCWINDOW
4
AFCSET
3
DIGFLHI
2
1
DIGFLO
C12a
C12b 100pF
100nF
IC1 SL1466_IEE


Número de pieza similar - SL1466QP1S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
   Wideband PLL FM Demodulator Preliminary Information
More results

Descripción similar - SL1466QP1S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
   Wideband PLL FM Demodulator
logo
List of Unclassifed Man...
SL1461 ETC2-SL1461 Datasheet
200Kb / 13P
   WIDEBAND PLL FM DEMODULATOR
logo
Unisonic Technologies
L2572 UTC-L2572 Datasheet
250Kb / 14P
   WIDEBAND PLL FM DEMODULATOR
logo
List of Unclassifed Man...
PS20100 ETC2-PS20100 Datasheet
800Kb / 11P
   Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
   Wideband PLL FM Demodulator
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
   Wideband PLL FM Demodulator Preliminary Information
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
   PLL FM Stereo Demodulator
logo
Silan Microelectronics ...
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com