Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ100A Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza SMBJ100A
Descripción Electrónicos  DEVICES FOR BIPOLAR APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMBJ100A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SMBJ100A Datasheet HTML 1Page - Fairchild Semiconductor SMBJ100A Datasheet HTML 2Page - Fairchild Semiconductor SMBJ100A Datasheet HTML 3Page - Fairchild Semiconductor SMBJ100A Datasheet HTML 4Page - Fairchild Semiconductor SMBJ100A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMBJ5.0(C)A-SMBJ170(C)A, Rev. c
Transient Voltage Supressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Uni-directional
Bi-directional (C)
Device
Part
Marking
Reverse
Stand-off Voltage
VRWM (V)
Breakdown Voltage
VBR (V)
min
max
Test
Current
IT(mA)
Max Clamping
Voltage @IPPM
VC(V)
Max Peak Pulse
Surge Current
IPPM (A)
Max Reverse
Leakage VRWM
IR(uA)*
SMBJ5.0(C)A
KE(AE)
5.0
6.40
7.0
10
9.2
65.2
800
SMBJ6.0(C)A
KG(AG)
6.0
6.67
7.37
10
10.3
58.3
800
SMBJ6.5(C)A
KK(AK)
6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7.0(C)A
KM(AM)
7.0
7.78
8.60
10
12.0
50.0
200
SMBJ7.5(C)A
KP(AP)
7.5
8.33
9.21
1
12.9
46.5
100
SMBJ8.0(C)A
KR(AR)
8.0
8.89
9.83
1
13.6
44.1
50
SMBJ8.5(C)A
KT(AT)
8.5
9.44
10.4
1
14.4
41.7
20
SMBJ9.0(C)A
KV(AV)
9.0
10.0
11.1
1
15.4
39.0
10
SMBJ10(C)A
KX(AX)
10
11.1
12.8
1
17.0
35.3
5
SMBJ11(C)A
KZ(AZ)
11
12.2
13.5
1
18.2
33.0
5
SMBJ12(C)A
LE(BE)
12
13.3
14.7
1
19.9
30.2
5
SMBJ13(C)A
LG(BG)
13
14.4
15.9
1
21.5
27.9
5
SMBJ14(C)A
LK(BK)
14
15.6
17.2
1
23.2
25.9
5
SMBJ15(C)A
LM(BM)
15
16.7
18.5
1
24.4
24.6
5
SMBJ16(C)A
LP(LM)
16
17.8
19.7
1
26.0
23.1
5
SMBJ17(C)A
LR(BR)
17
18.9
20.9
1
27.6
21.7
5
SMBJ18(C)A
LT(BT)
18
20.0
22.1
1
29.2
20.5
5
SMBJ20(C)A
LV(BV)
20
22.2
24.5
1
32.4
18.5
5
SMBJ22(C)A
LX(BX)
22
24.4
26.9
1
35.5
16.9
5
SMBJ24(C)A
LZ(BZ)
24
26.7
29.5
1
38.9
15.4
5
SMBJ26(C)A
ME(CE)
26
28.9
31.9
1
42.1
14.3
5
SMBJ28(C)A
MG(CG)
28
31.1
34.4
1
45.4
13.2
5
SMBJ30(C)A
MK(CK)
30
33.3
36.8
1
48.4
12.4
5
SMBJ33(C)A
MM(CM)
33
36.7
40.6
1
53.3
11.3
5
SMBJ36(C)A
MP(CP)
36
40.0
44.2
1
58.1
10.3
5
SMBJ40(C)A
MR(CR)
40
44.4
49.1
1
64.5
9.3
5
SMBJ43(C)A
MT(CT)
43
47.8
52.8
1
69.4
8.6
5
SMBJ45(C)A
MV(CV)
45
50.0
55.3
1
72.7
8.3
5
SMBJ48(C)A
MX(CX)
48
53.3
58.9
1
77.4
7.8
5
SMBJ51(C)A
MZ(CZ)
51
56.7
62.7
1
82.4
7.3
5
SMBJ54(C)A
NE(DE)
54
60.0
66.3
1
87.1
6.9
5
SMBJ58(C)A
NG(DG)
58
64.4
71.2
1
93.6
6.4
5
SMBJ60(C)A
NK(DK)
60
66.7
73.7
1
96.8
6.2
5
SMBJ64(C)A
NM(DM)
64
71.1
78.6
1
103.0
5.8
5
SMBJ70(C)A
NP(DP)
70
77.8
86.0
1
113.0
5.3
5
SMBJ75(C)A
NR(DR)
75
83.3
92.1
1
121.0
5.0
5
SMBJ78(C)A
NT(DT)
78
86.7
95.8
1
126.0
4.8
5
SMBJ85(C)A
NV(DV)
85
94.4
104.0
1
137.0
4.4
5
SMBJ90(C)A
NX(DX)
90
100.0
111.0
1
146.0
4.1
5
SMBJ100(C)A
NZ(DZ)
100
111.0
123.0
1
162.0
3.7
5
SMBJ110(C)A
PE(EE)
110
122.0
135.0
1
177.0
3.4
5
SMBJ120(C)A
PG(EG)
120
133.0
147.0
1
193.0
3.1
5
SMBJ130(C)A
PK(EK)
130
144.0
159.0
1
209.0
2.9
5
SMBJ150(C)A
PM(EM)
150
167.0
185.0
1
243.0
2.5
5
SMBJ160(C)A
PP(EP)
160
178.0
197.0
1
259.0
2.3
5
SMBJ170(C)A
PR(ER)
170
189.0
209.0
1
275.0
2.2
5
* For bidirectional parts with V
RWM<10V, the IR max limit is doubled.


Número de pieza similar - SMBJ100A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
SMBJ100A JGD-SMBJ100A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ100A VISHAY-SMBJ100A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
Micro Commercial Compon...
SMBJ100A MCC-SMBJ100A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Littelfuse
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Diodes Incorporated
SMBJ100A DIODES-SMBJ100A Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
More results

Descripción similar - SMBJ100A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SA50 FAIRCHILD-SA50 Datasheet
56Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
SMCJ50 FAIRCHILD-SMCJ50 Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Seme LAB
BFY81DCSM SEME-LAB-BFY81DCSM Datasheet
19Kb / 1P
   Dual Bipolar NPN Devices.
2N3501DCSM SEME-LAB-2N3501DCSM Datasheet
27Kb / 2P
   DUAL BIPOLAR NPN DEVICES
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13009-Q UTC-MJE13009-Q Datasheet
257Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q_15 Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
logo
Seme LAB
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com