Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SC792-3-5PIN-4Wire Datasheet(PDF) 1 Page - Picker Components

No. de Pieza. SC792-3-5PIN-4Wire
Descripción  4 / 5 Pin Mini ISO Automotive Relay Socket
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PICKER [Picker Components]
Página de inicio  http://www.pickercomponents.com
Logo 

SC792-3-5PIN-4Wire Datasheet(HTML) 1 Page - Picker Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
SC792 Rev F 9/14/2017
1 of 2
4 / 5 Pin Mini ISO Automotive Relay Socket
SC792
For use with, PC792A,
PC792C and PC792H
-1 For Relay
ORDERING INFORMATION
Part Number
Description
Terminal Form
SC792-1
5 Pin Connector without Mounting Bracket for Wire Harness.
Crimp 1A,1C
SC792-2
5 Pin Connector for Relay Or Flasher without Mounting Bracket for Wire Harness.
Crimp 1A,1C
SC792-3
5 Pin Connector with Mounting Bracket for Wire Harness.
Crimp 1A,1C
SC792-1-5PIN-4Wire
5 Pin Connector with 4 Wire Harness, without Mounting Bracket, SPST,
12” Wire Leads, 14 awg at Load Contacts 30 and 87,
18 awg at Coil Contacts 85 and 86.
——
1A
SC792-1-5PIN-5Wire
5 Pin Connector with 5 Wire Harness without Mounting Bracket, SPDT,
12” Wire Leads, 14 awg at Load Contacts 30, 87 and 87a,
18 awg at Coil Contacts 85 and 86.
—— 1A,1C
SC792-3-5PIN-4Wire
5 Pin, 4 Wire with Wall Mount Bracket, SPST, 12” Wire Leads,
14 awg at Load Contacts 30 and 87,
18 awg at Coil Contacts 85 and 86.
——
1A
SC792-3-5PIN-5Wire
5 Pin, 5 Wire with Wall Mount Bracket, SPDT,
12” Wire Leads, 14 awg at Load Contacts 30, 87 and 87a,
18 awg at Coil Contacts 85 and 86.
—— 1A,1C
-3 With Bracket
-2 For Relay or Flasher
-1-5PIN-4WIRE
-1-5PIN-5WIRE
-3-5PIN-4WIRE
-3-5PIN-5WIRE
FEATURES
 Mini ISO Automotive Relay Socket
 Heat Stabilized Thermoplastic
 -40 to 140ºC Operating Temperature
 For Use with Wire Harnessing
 Seven Versions
Socket Only
-1 No Mounting Bracket for Relay
-2 No Mounting Bracket for Relay or Flasher
-3 With Mounting Bracket for Relay
With 12” Wire Leads
-1-5PIN-4Wire No Mounting Bracket for Relay
-1-5PIN-5Wire No Mounting Bracket for Relay
-3-5PIN-4Wire With Mounting Bracket for Relay
-3-5PIN-5Wire With Mounting Bracket for Relay


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn