Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9266BCPZRL7-65 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD9266BCPZRL7-65
Descripción Electrónicos  1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9266BCPZRL7-65 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9266BCPZRL7-65 Datasheet HTML 4Page - Analog Devices AD9266BCPZRL7-65 Datasheet HTML 5Page - Analog Devices AD9266BCPZRL7-65 Datasheet HTML 6Page - Analog Devices AD9266BCPZRL7-65 Datasheet HTML 7Page - Analog Devices AD9266BCPZRL7-65 Datasheet HTML 8Page - Analog Devices AD9266BCPZRL7-65 Datasheet HTML 9Page - Analog Devices AD9266BCPZRL7-65 Datasheet HTML 10Page - Analog Devices AD9266BCPZRL7-65 Datasheet HTML 11Page - Analog Devices AD9266BCPZRL7-65 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Data Sheet
AD9266
Rev. B | Page 7 of 32
SWITCHING SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, DCS disabled, unless otherwise noted.
Table 4.
Parameter
Temp
AD9266-20/AD9266-40
AD9266-65
AD9266-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
80/320
520
625
MHz
Conversion Rate1
Full
3
20/40
3
65
3
80
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
50/25
15.38
12.5
ns
CLK Pulse Width High (tCH)
25.0/12.5
7.69
6.25
ns
Aperture Delay (tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
0.1
0.1
ps rms
DATA OUTPUT PARAMETERS
Data Propagation Delay (tPD)
Full
1.84
3
3.90
1.84
3
3.90
1.84
3
3.90
ns
DCO Propagation Delay (tDCO)
Full
1.86
3
4.04
1.86
3
4.04
1.86
3
4.04
ns
DCO to Data Skew (tSKEW)
Full
−0.53
0.1
0.72
−0.53
0.1
0.72
−0.53
0.1
0.72
ns
Pipeline Delay (Latency)
Full
8
8
8
Cycles
Wake-Up Time2
Full
350
350
350
μs
Standby
Full
600/400
300
260
ns
OUT-OF-RANGE RECOVERY TIME
Full
2
2
2
Cycles
1 Conversion rate is the clock rate after the CLK divider.
2 Wake-up time is dependent on the value of the decoupling capacitors.
tCLK
tA
tDCO
tSKEW
tSKEW
tPD
VIN
CLK+
CLK–
DCO
D1_D0
N – 1
N
N + 1
N + 2
N + 3
N + 5
N + 6
N + 7
N + 8
D1N–9
D0N–9
D1N–8
D0N–8
D1N–7
D0N–7
D1N–6
D0N–6
D1N–5
D0N–5
D1N–4
D0N–4
D15N–9 D14N–9 D15N–8 D14N–8 D15N–7 D14N–7 D15N–6 D14N–6 D15N–5 D14N–5 D15N–4 D14N–4
D15_D14
Figure 2. CMOS Output Data Timing


Número de pieza similar - AD9266BCPZRL7-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9266BCPZRL7-65 AD-AD9266BCPZRL7-65 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results

Descripción similar - AD9266BCPZRL7-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com