Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9644-155KITZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD9644-155KITZ
Descripción Electrónicos  Serial Output Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9644-155KITZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9644-155KITZ Datasheet HTML 5Page - Analog Devices AD9644-155KITZ Datasheet HTML 6Page - Analog Devices AD9644-155KITZ Datasheet HTML 7Page - Analog Devices AD9644-155KITZ Datasheet HTML 8Page - Analog Devices AD9644-155KITZ Datasheet HTML 9Page - Analog Devices AD9644-155KITZ Datasheet HTML 10Page - Analog Devices AD9644-155KITZ Datasheet HTML 11Page - Analog Devices AD9644-155KITZ Datasheet HTML 12Page - Analog Devices AD9644-155KITZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
AD9644
Data Sheet
Rev. C | Page 8 of 44
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, 1.75 V p-p differential input, VIN = −1.0 dBFS differential input, and DCS enabled,
unless otherwise noted.
Table 4.
AD9644-80
AD9644-155
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
640
640
MHz
Conversion Rate1
Full
40
80
40
155
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
12.5
6.45
ns
CLK Pulse Width High (tCH)
Divide-by-1 Mode, DCS Enabled
Full
3.75
6.25
8.75
1.935
3.225
4.515
ns
Divide-by-1 Mode, DCS Disabled
Full
5.95
6.25
6.55
3.065
3.225
3.385
ns
Divide-by-2 Mode Through Divide-by-8
Mode
Full
0.8
0.8
ns
Aperture Delay (tA)
Full
0.78
0.78
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.125
0.125
ps rms
DATA OUTPUT PARAMETERS
Data Output Period or UI (Unit Interval)
Full
1/(20 × fCLK)
1/(20 × fCLK)
Seconds
Data Output Duty Cycle
25°C
50
50
%
Data Valid Time
25°C
0.78
0.74
UI
PLL Lock Time (tLOCK)
25°C
4
4
µs
Wake Up Time (Standby)
25°C
5
5
µs
Wake Up Time (Power-Down)2
25°C
2.5
2.5
ms
Pipeline Delay (Latency)
Full
23
24
23
24
CLK
cycles
Data Rate per Channel (NRZ)
25°C
1.6
3.1
Gbps
Deterministic Jitter
25°C
40
40
ps
Random Jitter at 1.6 Gbps
25°C
9.5
ps rms
Random Jitter at 3.2 Gbps
25°C
5.2
5.2
ps rms
Output Rise/Fall Time
25°C
50
50
ps
TERMINATION CHARACTERISTICS
Differential Termination Resistance
25°C
100
100
OUT-OF-RANGE RECOVERY TIME
25°C
2
2
CLK
cycles
1
Conversion rate is the clock rate after the divider.
2
Wake-up time is defined as the time required to return to normal operation from power-down mode.


Número de pieza similar - AD9644-155KITZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9644-155KITZ AD-AD9644-155KITZ Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/155 MSPS, 1.8 V Dual Serial Output Analog-to-Digital Converter (ADC)
REV. C
More results

Descripción similar - AD9644-155KITZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
   SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 TI1-DAC7731_14 Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com