Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EC732302 Datasheet(PDF) 2 Page - E-CMOS Corporation

No. de pieza EC732302
Descripción Electrónicos  20V, 2.4A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-CMOS [E-CMOS Corporation]
Página de inicio  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC732302 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC732302 Datasheet HTML 1Page - E-CMOS Corporation EC732302 Datasheet HTML 2Page - E-CMOS Corporation EC732302 Datasheet HTML 3Page - E-CMOS Corporation EC732302 Datasheet HTML 4Page - E-CMOS Corporation EC732302 Datasheet HTML 5Page - E-CMOS Corporation EC732302 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC732302
20V、2.4A N-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
5E19N-Rev.F001
Electrical Characteristics (TA=25℃ unless otherwise noted)
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on 1in2
FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.
\
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=3.1A
70
115
m
VGS=4.5V, ID=3.6A
45
60
m
Forward Transconductance
gFS
VDS=5V,ID=3.6A
8
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
VDS=10V,VGS=0V,
F=1.0MHz
300
PF
Output Capacitance
Coss
120
PF
Reverse Transfer Capacitance
Crss
80
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
VDD=10V, RL = 2.8
VGS=4.5V,RGEN=6
Ω,
ID=3.6A,
7
15
nS
Turn-on Rise Time
tr
55
80
nS
Turn-Off Delay Time
td(off)
16
60
nS
Turn-Off Fall Time
tf
10
25
nS
Total Gate Charge
Qg
VDS=10V,ID=3.6A,VGS=4.5V
4.0
10
nC
Gate-Source Charge
Qgs
0.65
nC
Gate-Drain Charge
Qgd
1.5
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=0.94A
0.76
1.2
V
Diode Forward Current (Note 2)
IS
0.94
A
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250
μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±8V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250
μA
0.65
0.95
1.2
V


Número de pieza similar - EC732302

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-CMOS Corporation
EC732301 E-CMOS-EC732301 Datasheet
512Kb / 6P
   P chanel MOSFET
EC732301B1R E-CMOS-EC732301B1R Datasheet
512Kb / 6P
   P chanel MOSFET
More results

Descripción similar - EC732302

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H2302N HSMC-H2302N Datasheet
93Kb / 4P
   N-Channel Enhancement-Mode MOSFET (20V, 2.4A)
logo
Will Semiconductor Ltd.
WPM2083 WILLSEMI-WPM2083 Datasheet
1Mb / 8P
   Single P-Channel, -20V, -2.4A, Power MOSFET
WPM2015 WILLSEMI-WPM2015 Datasheet
813Kb / 8P
   Single P-Channel, -20V, -2.4A, Power MOSFET
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com