Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EC732315 Datasheet(PDF) 1 Page - E-CMOS Corporation

No. de pieza EC732315
Descripción Electrónicos  P-Channel MOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-CMOS [E-CMOS Corporation]
Página de inicio  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC732315 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC732315 Datasheet HTML 1Page - E-CMOS Corporation EC732315 Datasheet HTML 2Page - E-CMOS Corporation EC732315 Datasheet HTML 3Page - E-CMOS Corporation EC732315 Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EC732315
P-Channel MOS
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 4
4H15N-Rev.F002
Description
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with high repetitive
avalanche rating. These features combine to make this design an extremely efficient and reliable device for use in power
switching application and a wide variety of other applications.
Features
◆ Advanced MOSFET process technology
◆ Special designed for PWM, load switching and general purpose applications
◆ Ultra low on-resistance with low gate charge
◆ Fast switching and reverse body recovery
◆ 150℃ operating temperature
Main Product Characteristics
ABSOLUTE MAXIMUM RATINGS
Thermal Resistance
VDSS
-20V
RDS(on)
114mΩ (typ.)
ID
-3A
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V(Note 1)
-3
A
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V(Note 1)
-2.4
IDM
Pulsed Drain Current(Note 2)
-15
PD @TC = 25°C
Power Dissipation
SOT-23
0.4
W
Linear Derating Factor
0.011
W/°C
VDS
Drain-Source Voltage
-20
V
VGS
Gate-to-Source Voltage
±12
V
TJ TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
Symbol
Characterizes
Typ.
Max.
Units
RθJA
Junction-to-ambient (t
≤ 10s) (Note 3)
80
100
℃/W


Número de pieza similar - EC732315

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-CMOS Corporation
EC732301 E-CMOS-EC732301 Datasheet
512Kb / 6P
   P chanel MOSFET
EC732301B1R E-CMOS-EC732301B1R Datasheet
512Kb / 6P
   P chanel MOSFET
EC732302 E-CMOS-EC732302 Datasheet
757Kb / 6P
   20V, 2.4A N-Channel MOSFET
EC732302B1R E-CMOS-EC732302B1R Datasheet
757Kb / 6P
   20V, 2.4A N-Channel MOSFET
EC732320 E-CMOS-EC732320 Datasheet
247Kb / 6P
   20V, 800mA N-Channel MOSFET
More results

Descripción similar - EC732315

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TJ200F04M3L TOSHIBA-TJ200F04M3L_V01 Datasheet
313Kb / 11P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.8.0
TJ40S04M3L TOSHIBA-TJ40S04M3L_V01 Datasheet
257Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
logo
Seme LAB
SML9030220M SEME-LAB-SML9030220M Datasheet
20Kb / 2P
   P-CHANNEL MOS TRANSISTOR
logo
Toshiba Semiconductor
TJ20S04M3L TOSHIBA-TJ20S04M3L_V01 Datasheet
260Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
TJ80S04M3L TOSHIBA-TJ80S04M3L_V01 Datasheet
269Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.9.0
TJ8S06M3L TOSHIBA-TJ8S06M3L_V01 Datasheet
278Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.9.0
TJ15S06M3L TOSHIBA-TJ15S06M3L_V01 Datasheet
264Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.8.0
TJ90S04M3L TOSHIBA-TJ90S04M3L_V01 Datasheet
862Kb / 10P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.5.0
TJ10S04M3L TOSHIBA-TJ10S04M3L_V01 Datasheet
259Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.6.0
TJ50S06M3L TOSHIBA-TJ50S06M3L_V01 Datasheet
260Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com