Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SK2473-01 Datasheet(PDF) 2 Page - Fuji Electric |
|
2SK2473-01 Datasheet(HTML) 2 Page - Fuji Electric |
2 / 2 page N-channel MOS-FET 2SK2473-01 300V 0,2Ω 20A 125W FAP-II Series > Characteristics Typical Output Characteristics Drain-Source On-State Resistance vs. Tch Typical Transfer Characteristics ↑ ID=f(VDS); 80µs pulse test; TC=25°C ↑ RDS(on) = f(Tch); ID=10A; VGS=10V ↑ ID=f(VGS); 80µs pulse test; VDS=25V; Tch=25°C 1 2 3 VDS [V] → Tch [°C] → VGS [V] → Typical Drain-Source On-State-Resistance Typical Transconductance Gate Threshold Voltage ↑ RDS(on)=f(ID); 80µs pulse test; TC=25°C ↑ gfs=f(ID); 80µs pulse test; VDS=25V; Tch=25°C ↑ VGS(th)=f(Tch); ID=1mA; VDS=VGS 4 5 6 ID [A] → ID [A] → Tch [°C] → Typical Capacitances Typical Gate Charge Characteristics Forward Characteristics of Reverse Diode ↑ C=f(VDS); VGS=0V; f=1MHz ↑ VGS=f(Qg); ID=20A ↑ ↑ IF=f(VSD); 80µs pulse test 7 8 9 VDS [V] → Qg [nC] → VSD [V] → Power Dissipation Safe Operation Area PD = f(TC) ID=f(VDS): D=0,01, Tc=25°C ↑ Transient Thermal impedance ↑ 10 ↑ 12 Zthch=f(t) parameter:D=t/T Tc [°C] → VDS [V] → t [s] → Collmer Semiconductor - P.O. Box 702708 - Dallas TX - 75370 - 972.233.1589 - 972.233.0481 Fax - www.collmer.com - 11/98 |
Número de pieza similar - 2SK2473-01 |
|
Descripción similar - 2SK2473-01 |