Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM-TA-PPJ Datasheet(PDF) 3 Page - DDK Ltd. |
|
DM-TA-PPJ Datasheet(HTML) 3 Page - DDK Ltd. |
3 / 16 page Unit:mm http://www.ddknet.co.jp RF Adapter ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. ○ N to N 3 Part Number Finish Outer Conductor Center Conductor N-LA-PJ-CF Ag Ag N-LA-PJ-Ni-CF Ni Ag 35 ○N to BNC 34.7 38.0 45 26.3 16.7 2 18.24 □25.4 4-φ3.2 4-φ3.2 +0.1 0 18.24 0.05 φ15.5 +0.1 0 34.7 16 18.24 2 4-φ3.2 4-φ3.2 +0.1 0 18.24 0.05 φ15.5 +0.1 0 Part Number Finish Outer Conductor Center Conductor NJ-BNCJ-CF Ag Ag Part Number Finish Outer Conductor Center Conductor NJ-BNCP-CF Ag Ag Part Number Finish Outer Conductor Center Conductor NJ-BNCP-PA-CF Ag Ag Part Number Finish Outer Conductor Center Conductor NJ-BNCJ-PA-CF Ag Ag Panel Mounting Dimensions Panel Mounting Dimensions |
Número de pieza similar - DM-TA-PPJ |
|
Descripción similar - DM-TA-PPJ |