Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4024D Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74HC4024D
Descripción Electrónicos  7-stage binary ripple counter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4024D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4024D Datasheet HTML 2Page - NXP Semiconductors 74HC4024D Datasheet HTML 3Page - NXP Semiconductors 74HC4024D Datasheet HTML 4Page - NXP Semiconductors 74HC4024D Datasheet HTML 5Page - NXP Semiconductors 74HC4024D Datasheet HTML 6Page - NXP Semiconductors 74HC4024D Datasheet HTML 7Page - NXP Semiconductors 74HC4024D Datasheet HTML 8Page - NXP Semiconductors 74HC4024D Datasheet HTML 9Page - NXP Semiconductors 74HC4024D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
9397 750 13813
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
6 of 18
Philips Semiconductors
74HC4024
7-stage binary ripple counter
10. Recommended operating conditions
11. Static characteristics
Table 6:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
tr, tf
input rise and fall times
except CP
VCC = 2.0 V
-
-
1000
ns
VCC = 4.5 V
-
6.0
500
ns
VCC = 6.0 V
-
-
400
ns
Tamb
ambient temperature
−40
-
+125
°C
Table 7:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC = 6.0 V
4.2
3.2
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35
V
VCC = 6.0 V
-
2.8
1.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
V
IO = −4 mA; VCC = 4.5 V
3.98
4.32
-
V
IO = −5.2 mA; VCC = 6.0 V
5.48
5.81
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 µA; VCC = 2.0 V
-
0
0.1
V
IO =20 µA; VCC = 4.5 V
-
0
0.1
V
IO =20 µA; VCC = 6.0 V
-
0
0.1
V
IO = 4 mA; VCC = 4.5 V
-
0.15
0.26
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
V
ILI
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±0.1
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 A; VCC = 6.0 V
-
-
8.0
µA
CI
input capacitance
-
3.5
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V


Número de pieza similar - 74HC4024D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC4024D NEXPERIA-74HC4024D Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
74HC4024D-Q100 NEXPERIA-74HC4024D-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
More results

Descripción similar - 74HC4024D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
   7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Fairchild Semiconductor
CD4024BC FAIRCHILD-CD4024BC Datasheet
56Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
STMicroelectronics
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
   7 Stage Ripple-Carry Binary Counter/Dividers
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
   7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
List of Unclassifed Man...
IW4024B ETC1-IW4024B Datasheet
318Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com