Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICO120-83D Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

No. de pieza ICO120-83D
Descripción Electrónicos  Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AXIOMTEK [Axiomtek Co., Ltd.]
Página de inicio  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

ICO120-83D Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  ICO120-83D Datasheet HTML 1Page - Axiomtek Co., Ltd. ICO120-83D Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
377
* All specifications and photos are subject to change without notice.
Standard Color
Silver
Construction
Aluminum, IP40
CPU
Intel® Celeron® processor N3350 (1.1 GHz, Dual Core)
System Board
SBC8783D
System Memory
1 x DDR3L-1866 SO-DIMM, up to 8GB
BIOS
AMI UEFI BIOS
System I/O Outlet
Serial Port
1 x RS-232/422/485 (COM 1/2)
Interface select by BIOS
Supports Auto Flow Control in RS-485
mode
USB
2 x USB 2.0
Storage
1 x mSATA
LAN
2 x 10/100/1000 Mbps Ethernet
(Intel® i211AT)
Magnetic isolation protection 1.5KV
VGA
1 x DB15 connector
DIO
1 x DI/DO (8-bit programmable, DB9
female connector)
Voltage is 5V TTL-level
Programming:
I/O sink current is 10mA (max.)
Input/output can be programming
CAN
1 x CAN 2.0 A/B (DB9 connector)
Power Input
1 x DC power input with terminal block
NEW
Specifications
Extension
1 x full-size & 1 x half-size PCI Express Mini Card slots
1 x SIM card socket
Watchdog Timer
1 WDT
One step is 1 sec, 255 levels
System Indicator
Power, Active
Power Supply
Power Input Range: 12 ~ 24 VDC, 1.15 ~ 0.62A
Protection: OVP, reverse protection
Operating Temperature
-20°C ~ +70°C (-4°F ~ +158°F)
Optional for -40°C ~ +70°C (-40°F ~ +158°F)
Humidity
10% ~ 95%
Vibration Endurance
2G@5 ~ 500Hz, amplitude 0.35 mm (operation/storage/
transport)
Weight (net/gross)
0.3 kg (0.67 lb)/0.46 kg (1 lb)
Certificate
CE
FCC Class A
Dimensions
31 mm (1.22") (W) x 100 mm (3.93") (D) x 125 mm (4.92") (H)
EOS Support
Windows® 10 IoT
Linux support package
AXView 2.0
* All wide temperature configurations shall be sorted by Axiomtek
ICO120-83D
Extreme cost-effective with fanless and cableless design
Intel® Celeron® processor N3350
1 COM or CAN, 2 USB, 2 GbE LAN
8-bit programmable DIO for IoT gateway applications
Wide operating temperature range from -20°C to +70°C
12 ~ 24 VDC wide range power input
OVP, UVP, OCP, RPP power protection design
AXView 2.0 intelligent embedded monitoring software for IoT
Features
Robust DIN-rail Fanless Embedded System with Intel® Celeron® Processor N3350,
1 COM or CAN, 2 LAN, 2 USB and 1 DIO
IP40
EN60950
Fanless
Low Power
Ext. Temp
AXView
Rear view
Front view
Updated Oct. 13, 2017.
GbE LAN
COM Port or CANbus
2 USB


Número de pieza similar - ICO120-83D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
ICO100-839-E3930-DC AXIOMTEK-ICO100-839-E3930-DC Datasheet
319Kb / 3P
   Robust DIN-rail Fanless Embedded System with Intel짰 Atom??x5-E3930 Processor, 2 COM, 1 LAN, 2 USB and 1 DIO
ICO100-839 AXIOMTEK-ICO100-839_17 Datasheet
293Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
More results

Descripción similar - ICO120-83D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
ICO300-83B AXIOMTEK-ICO300-83B Datasheet
311Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO100-839 AXIOMTEK-ICO100-839_17 Datasheet
293Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO320-83C AXIOMTEK-ICO320-83C Datasheet
290Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350/N4200
ICO310 AXIOMTEK-ICO310_17 Datasheet
300Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor
ICO310 AXIOMTEK-ICO310 Datasheet
336Kb / 2P
   Robust Din-rail Fanless Embedded System with Intel Celeron
ICO300 AXIOMTEK-ICO300_17 Datasheet
345Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor
EBOX100-312-FL AXIOMTEK-EBOX100-312-FL Datasheet
310Kb / 1P
   Fanless Embedded System with Intel Celeron Processor N3350 2.4 GHz
ICO300-MI AXIOMTEK-ICO300-MI_17 Datasheet
393Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor E3815
RBOX510-6COM AXIOMTEK-RBOX510-6COM_17 Datasheet
410Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor E3827
RBOX310-4COM AXIOMTEK-RBOX310-4COM_17 Datasheet
377Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor N2800
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com