Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCD-128H064E Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza LCD-128H064E
Descripción Electrónicos  128 x 64 Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-128H064E Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-128H064E Datasheet HTML 1Page - Vishay Siliconix LCD-128H064E Datasheet HTML 2Page - Vishay Siliconix LCD-128H064E Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD-128H064E
www.vishay.com
Vishay
Revision: 23-Jun-17
2
Document Number: 37333
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1VSS
Power supply (0 V)
2VDD
Power supply
3V0
Power supply for LCD driver
4D / I
Register selection input / H: data / L: instruction (write) / busy flag address counter (read)
5R / W
Data read / write
6E
Enable signal
7
DB0
Data bus line
8
DB1
Data bus line
9
DB2
Data bus line
10
DB3
Data bus line
11
DB4
Data bus line
12
DB5
Data bus line
13
DB6
Data bus line
14
DB7
Data bus line
15
CS1
Chip enable for D2 (segment 1 to 64)
16
CS2
Chip enable for D3 (segment 65 to 128)
17
RST
Reset signal
18
VEE
Power supply for LCD driving
19
BL+
Enable (on / off) for EL backlight
20
BL-
No connection
DIMENSIONS in millimeters
0.32
0.28
Dot Size
Detail B
EL or NO B/L
7.5 Max.
3.3
1.0
Detail A
3.0
4.0
4.0
4.0
2.7
0.3
1.2
1.8
1.8
1.9
90°
90°
60°
0.1
0.1
0.1
A
B
4 x Ø 0.8
4 x Ø 1.3
4 x Ø 2.5
4 x Ø 5.0
68.0
2.5
38.0 (P2.0 x 19)
8.0
1
20
54.0 ± 0.5
6.54
40.92
5.25
43.5


Número de pieza similar - LCD-128H064E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCD-128H064E VISHAY-LCD-128H064E Datasheet
70Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-128H064E VISHAY-LCD-128H064E Datasheet
71Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064E VISHAY-LCD-128H064E_V01 Datasheet
70Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-128H064E VISHAY-LCD-128H064E_V02 Datasheet
71Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
More results

Descripción similar - LCD-128H064E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCD-128H064E VISHAY-LCD-128H064E_V02 Datasheet
71Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064M VISHAY-LCD-128H064M_V02 Datasheet
73Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064D VISHAY-LCD-128H064D Datasheet
68Kb / 3P
   128 x 64 Graphic LCD
Revision: 14-Apr-14
LCD-128H064K VISHAY-LCD-128H064K Datasheet
74Kb / 3P
   128 x 64 Graphic LCD
Revision: 16-Mar-09
LCD-128H064C VISHAY-LCD-128H064C_V02 Datasheet
67Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064D VISHAY-LCD-128H064D_V02 Datasheet
66Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064A VISHAY-LCD-128H064A Datasheet
74Kb / 3P
   128 x 64 Graphic LCD
Revision: 16-Mar-09
LCD-128H064C VISHAY-LCD-128H064C Datasheet
70Kb / 3P
   128 x 64 Graphic LCD
Revision: 23-Jun-17
LCD-128H064B VISHAY-LCD-128H064B_V02 Datasheet
66Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064I VISHAY-LCD-128H064I_V01 Datasheet
64Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2022
LCD-128H064M VISHAY-LCD-128H064M_V01 Datasheet
72Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com