Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMEOR60C-36170AZ Datasheet(PDF) 1 Page - AIMTEC |
|
AMEOR60C-36170AZ Datasheet(HTML) 1 Page - AIMTEC |
1 / 14 page Series AMEOR60C-AZ up to 5A | AC-DC / DC-DC LED driver www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 052.1e R3.E 1 of 14 North America only FEATURES: Models Single output Model Max Output Power (W)① Output Voltage Range (V)③ Output Current (A)③ OC P / OV P Input Voltage (VAC/Hz) Input Voltage (VDC) Mode of Operation Efficiency (%) 115 VAC 230 VAC 277 VAC AMEOR60C-50120AZ 60 36-50 0 - 1.20 1.27 90-305/47- 440 130-430 Constant Current 84 86 86 50.7 Constant Voltage② 84 86 86 AMEOR60C-36170AZ 59.8 24-36 0 - 1.66 1.77 90-305/47- 440 130-430 Constant Current 84 86 86 36.6 Constant Voltage② 84 86 86 AMEOR60C-24250AZ 60 12-24 0 - 2.50 2.55 90-305/47- 440 130-430 Constant Current 82 83 83 24.5 Constant Voltage② 82 83 83 AMEOR60C-12500AZ 60 5-12 0 - 5.0 5.2 90-305/47- 440 130-430 Constant Current 79 80 81 12.3 Constant Voltage② 79 80 81 ① Exceeding the maximum output power will permanently damage the converter ② The dimming feature is not supported when units are used in Constant Voltage mode only. ③ In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown. *Exceeding the maximum output power will permanently damage the converter All models can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). A dd “–NA” to part number when ordering. NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C, humidity<75%, nominal input voltage (115/230/305VAC) and at rated output load unless otherwise specified. See http://www.aimtec.com/terms-sale AMEOR60C- AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations prior to installation may damage sensitive equipment permanently. Input Specifications Parameters Conditions Typical Maximum Units Inrush current <2ms 115VAC 30 A 230VAC 50 Leakage current 115VAC 0.5 mA 230VAC 0.75 AC current 115VAC 0.67 A 230VAC 0.33 Power Factor 115VAC 0.99 230VAC 0.97 External fuse 250V/1.5A Start up time 250 ms Surge voltage 2sec 440 V • AC-DC Constant current LED Driver • Over Temperature Protection • Input range 90-305VAC/47-440Hz • Open frame • High Efficiency up to 86% • Power Factor Correction • Operating temperature -40 to 80°C • Dimmable via Analog / 0-10Vdc / PWM • SCP, Over Current Protection • 5 Year Limited Warranty Click on Series name for product info on aimtec.com |
Número de pieza similar - AMEOR60C-36170AZ |
|
Descripción similar - AMEOR60C-36170AZ |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |