Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9204BCPZ-80 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD9204BCPZ-80
Descripción Electrónicos  1.8 V Dual Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9204BCPZ-80 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9204BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9204BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9204BCPZ-80 Datasheet HTML 9Page - Analog Devices AD9204BCPZ-80 Datasheet HTML 10Page - Analog Devices AD9204BCPZ-80 Datasheet HTML 11Page - Analog Devices AD9204BCPZ-80 Datasheet HTML 12Page - Analog Devices AD9204BCPZ-80 Datasheet HTML 13Page - Analog Devices AD9204BCPZ-80 Datasheet HTML 14Page - Analog Devices AD9204BCPZ-80 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AD9204
Data Sheet
Rev. A | Page 10 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
NC
NC
NC
NC
NC
NC
DRVDD
D0B (LSB)
D1B
D2B
D3B
D4B
D5B
PDWN
OEB
CSB
SCLK/DFS
SDIO/DCS
ORA
D9A (MSB)
D8A
D7A
D6A
D5A
DRVDD
D4A
D3A
D2A
D1A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9204
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT
2. THE EXPOSED PADDLE MUST BE SOLDERED TO THE PCB GROUND
TO ENSURE PROPER HEAT DISSIPATION, NOISE, AND MECHANICAL
STRENGTH BENEFITS.
Figure 5. Pin Configuration
Table 8. Pin Function Description
Pin No.
Mnemonic
Description
0
GND
Exposed paddle is the only ground connection for the chip. Must be connected to PCB AGND.
1, 2
CLK+, CLK−
Differential Encode Clock. PECL, LVDS, or 1.8 V CMOS inputs.
3
SYNC
Digital Input. SYNC input to clock divider. 30 kΩ internal pull-down.
4, 5, 6, 7, 8, 9, 25, 26, 27,
29, 30, 31
NC
Do Not Connect.
10, 19, 28, 37
DRVDD
Digital Output Driver Supply (1.8 V to 3.3 V).
11 to 18, 20, 21
D0B to D9B
Channel B Digital Outputs. D9B = MSB.
22
ORB
Channel B Out-of-Range Digital Output.
23
DCOB
Channel B Data Clock Digital Output.
24
DCOA
Channel A Data Clock Digital Output.
32 to 36, 38 to 42
D0A to D9A
Channel A Digital Outputs. D9A = MSB.
43
ORA
Channel A Out-of-Range Digital Output.
44
SDIO/DCS
SPI Data Input/Output (SDIO). Bidirectional SPI Data I/O in SPI mode. 30 kΩ internal pull-
down in SPI mode.
Duty Cycle Stabilizer (DCS). Static enable input for duty cycle stabilizer in non-SPI mode.
30 kΩ internal pull-up in non-SPI (DCS) mode.
45
SCLK/DFS
SPI Clock (SCLK) Input in SPI mode. 30 kΩ internal pull-down.
Data Format Select (DFS). Static control of data output format in non-SPI mode. 30 kΩ internal
pull-down.
DFS high = twos complement output.
DFS low = offset binary output.
46
CSB
SPI Chip Select. Active low enable; 30 kΩ internal pull-up.
47
OEB
Digital Input. Enable Channel A and Channel B digital outputs if low, three-state outputs if
high. 30 kΩ internal pull-down.
48
PDWN
Digital Input. 30 kΩ internal pull-down.
PDWN high = power-down device.
PDWN low = run device, normal operation.


Número de pieza similar - AD9204BCPZ-80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9204BCPZ-801,2 AD-AD9204BCPZ-801,2 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Descripción similar - AD9204BCPZ-80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9600 AD-AD9600 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com