Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9204BCPZRL7-80 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD9204BCPZRL7-80
Descripción Electrónicos  1.8 V Dual Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9204BCPZRL7-80 Datasheet(HTML) 1 Page - Analog Devices

  AD9204BCPZRL7-80 Datasheet HTML 1Page - Analog Devices AD9204BCPZRL7-80 Datasheet HTML 2Page - Analog Devices AD9204BCPZRL7-80 Datasheet HTML 3Page - Analog Devices AD9204BCPZRL7-80 Datasheet HTML 4Page - Analog Devices AD9204BCPZRL7-80 Datasheet HTML 5Page - Analog Devices AD9204BCPZRL7-80 Datasheet HTML 6Page - Analog Devices AD9204BCPZRL7-80 Datasheet HTML 7Page - Analog Devices AD9204BCPZRL7-80 Datasheet HTML 8Page - Analog Devices AD9204BCPZRL7-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS,
1.8 V Dual Analog-to-Digital Converter
Data Sheet
AD9204
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.8 V analog supply operation
1.8 V to 3.3 V output supply
SNR
61.3 dBFS at 9.7 MHz input
61.0 dBFS at 200 MHz input
SFDR
75 dBc at 9.7 MHz input
73 dBc at 200 MHz input
Low power
30 mW per channel at 20 MSPS
63 mW per channel at 80 MSPS
Differential input with 700 MHz bandwidth
On-chip voltage reference and sample-and-hold circuit
DNL = ±0.11 LSB
Serial port control options
Scalable analog input: 1 V p-p to 2 V p-p differential
Offset binary, gray code, or twos complement data format
Optional clock duty cycle stabilizer
Integer 1-to-8 input clock divider
Built-in selectable digital test pattern generation
Energy-saving power-down modes
Data clock out with programmable clock and data
alignment
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers
GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
Battery-powered instruments
Handheld scope meters
Ultrasound
Radar/LIDAR
PET/SPECT imaging
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VREF
SENSE
VCM
RBIAS
VIN–B
VIN+B
ORA
D0A
D9A
DCOA
DRVDD
ORB
D9B
D0B
DCOB
SDIO
GND
AVDD
SCLK
SPI
PROGRAMMING DATA
PDWN DFS
CLK+ CLK–
MODE
CONTROLS
DCS
DUTY CYCLE
STABILIZER
SYNC
DIVIDE
1 TO 8
OEB
CSB
REF
SELECT
ADC
ADC
AD9204
Figure 1.
PRODUCT HIGHLIGHTS
1. The AD9204 operates from a single 1.8 V analog power
supply and features a separate digital output driver supply
to accommodate 1.8 V to 3.3 V logic families.
2. The patented sample-and-hold circuit maintains excellent
performance for input frequencies up to 200 MHz and is
designed for low cost, low power, and ease of use.
3. A standard serial port interface supports various product
features and functions, such as data output formatting,
internal clock divider, power-down, DCO/DATA timing
and offset adjustments, and voltage reference modes.
4. The AD9204 is packaged in a 64-lead RoHS compliant
LFCSP that is pin compatible with the AD9268 16-bit
ADC, the AD9251 and AD9258 14-bit ADCs, and the
AD9231 12-bit ADC, enabling a simple migration path
between 10-bit and 16-bit converters sampling from
20 MSPS to 125 MSPS.


Número de pieza similar - AD9204BCPZRL7-80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9204BCPZRL7-801,2 AD-AD9204BCPZRL7-801,2 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Descripción similar - AD9204BCPZRL7-80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9600 AD-AD9600 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com