Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9251 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD9251
Descripción Electrónicos  1.8 V Dual Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9251 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9251 Datasheet HTML 3Page - Analog Devices AD9251 Datasheet HTML 4Page - Analog Devices AD9251 Datasheet HTML 5Page - Analog Devices AD9251 Datasheet HTML 6Page - Analog Devices AD9251 Datasheet HTML 7Page - Analog Devices AD9251 Datasheet HTML 8Page - Analog Devices AD9251 Datasheet HTML 9Page - Analog Devices AD9251 Datasheet HTML 10Page - Analog Devices AD9251 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AD9251
Data Sheet
Rev. B | Page 6 of 36
DIGITAL SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS disabled, unless otherwise noted.
Table 3.
Parameter
Temp
AD9251-20/AD9251-40/AD9251-65/AD9251-80
Unit
Min
Typ
Max
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
Full
0.2
3.6
V p-p
Input Voltage Range
Full
GND − 0.3
AVDD + 0.2
V
High Level Input Current
Full
−10
+10
µA
Low Level Input Current
Full
−10
+10
µA
Input Resistance
Full
8
10
12
kΩ
Input Capacitance
Full
4
pF
LOGIC INPUTS (SCLK/DFS, SYNC, PDWN)1
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−50
−75
µA
Low Level Input Current
Full
−10
+10
µA
Input Resistance
Full
30
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUTS (CSB)2
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−10
+10
µA
Low Level Input Current
Full
40
135
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUTS (SDIO/DCS)2
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−10
+10
µA
Low Level Input Current
Full
40
130
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS
DRVDD = 3.3 V
High Level Output Voltage, IOH = 50 µA
Full
3.29
V
High Level Output Voltage, IOH = 0.5 mA
Full
3.25
V
Low Level Output Voltage, IOL = 1.6 mA
Full
0.2
V
Low Level Output Voltage, IOL = 50 µA
Full
0.05
V
DRVDD = 1.8 V
High Level Output Voltage, IOH = 50 µA
Full
1.79
V
High Level Output Voltage, IOH = 0.5 mA
Full
1.75
V
Low Level Output Voltage, IOL = 1.6 mA
Full
0.2
V
Low Level Output Voltage, IOL = 50 µA
Full
0.05
V
1
Internal 30 kΩ pull-down.
2
Internal 30 kΩ pull-up.


Número de pieza similar - AD9251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9251-20EBZ AD-AD9251-20EBZ Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9251-40EBZ AD-AD9251-40EBZ Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9251-65EBZ AD-AD9251-65EBZ Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9251-80EBZ AD-AD9251-80EBZ Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Descripción similar - AD9251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
AD9204 AD-AD9204_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
AD9600 AD-AD9600 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com