Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9222ABCPZ-65 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD9222ABCPZ-65
Descripción Electrónicos  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9222ABCPZ-65 Datasheet(HTML) 5 Page - Analog Devices

  AD9222ABCPZ-65 Datasheet HTML 1Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 2Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 3Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 4Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 5Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 6Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 7Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 8Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
AD9222
Data Sheet
Rev. F | Page 4 of 60
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 2.
AD9222-40
AD9222-50
AD9222-65
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
70.3
70.4
70.3
dB
fIN = 19.7 MHz
Full
69.5
70.3
69.5
70.3
68.5
70.0
dB
fIN = 35 MHz
Full
69.9
70.0
69.8
dB
fIN = 70 MHz
Full
68.8
69.0
69.5
dB
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 2.4 MHz
Full
70.0
70.0
69.5
dB
fIN = 19.7 MHz
Full
68.7
70.0
68.5
70.0
66.8
69.4
dB
fIN = 35 MHz
Full
69.5
69.8
69.3
dB
fIN = 70 MHz
Full
68.0
68.5
69
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
Full
11.38
11.4
11.4
Bits
fIN = 19.7 MHz
Full
11.25
11.38
11.25
11.38
11.1
11.34
Bits
fIN = 35 MHz
Full
11.32
11.33
11.30
Bits
fIN = 70 MHz
Full
11.14
11.17
11.25
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
Full
85
85
83
dBc
fIN = 19.7 MHz
Full
73
85
73
84
70.5
80
dBc
fIN = 35 MHz
Full
80
83
80
dBc
fIN = 70 MHz
Full
76
77
75
dBc
WORST HARMONIC (Second or Third)
fIN = 2.4 MHz
Full
−85
−85
−83
dBc
fIN = 19.7 MHz
Full
−85
−74
−84
−73
−80
−70.5
dBc
fIN = 35 MHz
Full
−80
−83
−80
dBc
fIN = 70 MHz
Full
−76
−77
−75
dBc
WORST OTHER (Excluding Second or Third)
fIN = 2.4 MHz
Full
−92
−92
−90
dBc
fIN = 19.7 MHz
Full
−92
−80
−92
−80
−90
−80
dBc
fIN = 35 MHz
Full
−92
−92
−90
dBc
fIN = 70 MHz
Full
−90
−90
−85
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—
AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 15 MHz, fIN2 = 16 MHz
25°C
80.0
80.0
80.0
dBc
fIN1 = 70 MHz, fIN2 = 71 MHz
25°C
77.0
77.0
75.0
dBc
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.


Número de pieza similar - AD9222ABCPZ-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9222ABCPZ-65 AD-AD9222ABCPZ-65 Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
More results

Descripción similar - AD9222ABCPZ-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com