Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCB11N60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FCB11N60
Descripción Electrónicos  600V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCB11N60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCB11N60 Datasheet HTML 1Page - Fairchild Semiconductor FCB11N60 Datasheet HTML 2Page - Fairchild Semiconductor FCB11N60 Datasheet HTML 3Page - Fairchild Semiconductor FCB11N60 Datasheet HTML 4Page - Fairchild Semiconductor FCB11N60 Datasheet HTML 5Page - Fairchild Semiconductor FCB11N60 Datasheet HTML 6Page - Fairchild Semiconductor FCB11N60 Datasheet HTML 7Page - Fairchild Semiconductor FCB11N60 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FCB11N60 Rev. A
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
10
-1
10
0
10
1
10
2
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom :
5.5 V
* Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
DS
, Drain-Source Voltage [V]
2
468
10
10
-1
10
0
10
1
* Note
1. V
DS
= 40V
2. 250
µs Pulse Test
-55
oC
150
oC
25
oC
V
GS
, Gate-Source Voltage [V]
0
5
10
15
20
25
30
35
40
0.0
0.2
0.4
0.6
0.8
1.0
V
GS
= 20V
V
GS
= 10V
* Note : T
J
= 25
oC
I
D
, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
25
oC
150
oC
* Notes :
1. V
GS
= 0V
2. 250
µs Pulse Test
V
SD
, Source-Drain Voltage [V]
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
* Notes :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
12
V
DS
= 250V
V
DS
= 100V
V
DS
= 400V
* Note : I
D
= 11A
Q
G
, Total Gate Charge [nC]


Número de pieza similar - FCB11N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCB11N60 FAIRCHILD-FCB11N60 Datasheet
976Kb / 8P
   600V N-Channel MOSFET
FCB11N60 FAIRCHILD-FCB11N60 Datasheet
977Kb / 8P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FCB11N60 ISC-FCB11N60 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FCB11N60F ISC-FCB11N60F Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FCB11N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com