Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADJH23005 Datasheet(PDF) 5 Page - Panasonic Semiconductor

No. de pieza ADJH23005
Descripción Electrónicos  Suitable for lighting and motor load, 1 Form A 50A latching relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADJH23005 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ADJH23005 Datasheet HTML 1Page - Panasonic Semiconductor ADJH23005 Datasheet HTML 2Page - Panasonic Semiconductor ADJH23005 Datasheet HTML 3Page - Panasonic Semiconductor ADJH23005 Datasheet HTML 4Page - Panasonic Semiconductor ADJH23005 Datasheet HTML 5Page - Panasonic Semiconductor ADJH23005 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DJ-H (ADJH2)
–5–
ASCTB383E 201704-T
INSULATION CHARACTERISTICS (IEC61810-1)
* Actual value
NOTES
Item
Characteristics
Clearance/Creepage distance (IEC61810-1)
9.5mm/12.7mm
Category of protection (IEC61810-1)
RT II
Tracking resistance (IEC60112)
175V
Insulation material group
III a
Over voltage category
III
Rated voltage
250 V
Pollution degree
2
Type of insulation (Between contact and coil)
4,000 V
Type of insulation (Between open contacts)
1,500 V
1. For cautions for use, please read
“GENERAL APPLICATION
GUIDELINES”.
2. Regarding the set/reset pulse time
of the latching type relay, it is
recommended to apply rated
voltage for minimum 100ms pulse
across the coil to secure the sure
operation considering the ambient
temperature and condition change
through service life.


Número de pieza similar - ADJH23005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
TAITRON Components Inco...
ADJ TAITRON-ADJ Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ceramate Technical
ADJ-B CERAMATE-ADJ-B Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
TAITRON Components Inco...
ADJ-LD1117A50 TAITRON-ADJ-LD1117A50 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ferroxcube Internationa...
ADJ-P14 FERROXCUBE-ADJ-P14 Datasheet
58Kb / 1P
   P cores and accessories
More results

Descripción similar - ADJH23005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
   1 Form A Solid-State Relays
March 21, 2001-14
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
   1 Form A/1 Form C 10A Small power relays
logo
Infineon Technologies A...
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
   Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
   Dual 1 Form A Solid-State Relays
Rev. 1.4, 26-Oct-04
logo
BetLux Electronics
BL-HP12E-5W BETLUX-BL-HP12E-5W Datasheet
225Kb / 4P
   5W LEDs suitable for illumination lamps and decorative lighting
BL-HP15E-10W BETLUX-BL-HP15E-10W Datasheet
228Kb / 4P
   10W LEDs suitable for illumination lamps and decorative lighting
BL-HP26E-30W BETLUX-BL-HP26E-30W Datasheet
222Kb / 4P
   30W LEDs suitable for illumination lamps and decorative lighting
BL-HP7E-1W BETLUX-BL-HP7E-1W Datasheet
236Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP9E-1W BETLUX-BL-HP9E-1W Datasheet
218Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP39E-100W BETLUX-BL-HP39E-100W Datasheet
128Kb / 3P
   30W LEDs suitable for illumination lamps and decorative lighting
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com