Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC1200WM Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

No. de pieza LC1200WM
Descripción Electrónicos  Line Conditioner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LC1200WM Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  LC1200WM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LC1200WM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UPS AC Suppression Joule Rating
1200
EMI / RFI AC Noise Suppression
80 dB
PHYSICAL
Shipping Weight (lbs.)
16.00
Shipping Weight (kg)
7.26
Unit Dimensions (hwd / in.)
5 x 5 x 7.25
Unit Dimensions (hwd / cm)
12.7 x 12.7 x 18.42
Material of Construction
Steel
Form Factors Supported
Short tower format with keyhole slots for wall-mount applications
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$25,000 Ultimate Lifetime Insurance
© 2017 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
2 / 2


Número de pieza similar - LC1200WM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
logo
Tripp Lite. All Rights ...
LC1200 TRIPPLITE-LC1200 Datasheet
500Kb / 3P
   1200W 120V Line Conditioner
More results

Descripción similar - LC1200WM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
   2000W 230V AVR Line Conditioner, Power Conditioner
LR604 TRIPPLITE-LR604 Datasheet
487Kb / 3P
   600W 230V AVR Line Conditioner, Power Conditioner
LR1000 TRIPPLITE-LR1000 Datasheet
538Kb / 2P
   1000W 230V AVR Line Conditioner, Power Conditioner
LC1200 TRIPPLITE-LC1200 Datasheet
500Kb / 3P
   1200W 120V Line Conditioner
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
    Line Conditioner - Automatic voltage regulation with surge protection
LCR2400 ETC2-LCR2400 Datasheet
485Kb / 3P
   Line Conditioner - Automatic voltage regulation with surge protection
LS604WM ETC2-LS604WM Datasheet
516Kb / 3P
   Line Conditioner - Automatic voltage regulation with surge protection
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com