Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9446BSVZ-80 Datasheet(PDF) 7 Page - Analog Devices |
|
AD9446BSVZ-80 Datasheet(HTML) 7 Page - Analog Devices |
7 / 37 page AD9446 Rev. 0 | Page 6 of 36 DIGITAL SPECIFICATIONS AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, RLVDS_BIAS = 3.74 kΩ, unless otherwise noted. Table 3. AD9446BSVZ-80 AD9446BSVZ-100 Parameter Temp Min Typ Max Min Typ Max Unit CMOS LOGIC INPUTS (DFS, DCS MODE, OUTPUT MODE) High Level Input Voltage Full 2.0 2.0 V Low Level Input Voltage Full 0.8 0.8 V High Level Input Current Full 200 200 μA Low Level Input Current Full −10 +10 −10 +10 μA Input Capacitance Full 2 2 pF DIGITAL OUTPUT BITS—CMOS MODE (D0 to D15, OTR)1 DRVDD = 3.3 V High Level Output Voltage Full 3.25 3.25 V Low Level Output Voltage Full 0.2 0.2 V DIGITAL OUTPUT BITS—LVDS MODE (D0 to D15, OTR) VOD Differential Output Voltage2 Full 247 545 247 545 mV VOS Output Offset Voltage Full 1.125 1.375 1.125 1.375 V CLOCK INPUTS (CLK+, CLK−) Differential Input Voltage Full 0.2 0.2 V Common-Mode Voltage Full 1.3 1.5 1.6 1.3 1.5 1.6 V Input Resistance Full 1.1 1.4 1.7 1.1 1.4 1.7 kΩ Input Capacitance Full 2 2 pF 1 Output voltage levels measured with 5 pF load on each output. 2 LVDS RTERM = 100 Ω. SWITCHING SPECIFICATIONS AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, unless otherwise noted. Table 4. AD9446BSVZ-80 AD9446BSVZ-100 Parameter Temp Min Typ Max Min Typ Max Unit CLOCK INPUT PARAMETERS Maximum Conversion Rate Full 80 100 MSPS Minimum Conversion Rate Full 1 1 MSPS CLK Period Full 12.5 10 ns CLK Pulse Width High1 (tCLKH) Full 5.0 4.0 ns CLK Pulse Width Low1 (tCLKL) Full 5.0 4.0 ns DATA OUTPUT PARAMETERS Output Propagation Delay—CMOS (tPD)2 (Dx, DCO+) Full 3.35 3.35 ns Output Propagation Delay—LVDS (tPD)3 (Dx+), (tCPD)3 (DCO+) Full 2.1 3.6 4.8 2.3 3.6 4.8 ns Pipeline Delay (Latency) Full 13 13 Cycles Aperture Delay (tA) Full ns Aperture Uncertainty (Jitter, tJ) Full 60 60 fsec rms 1 With duty cycle stabilizer (DCS) enabled. 2 Output propagation delay is measured from clock 50% transition to data 50% transition with 5 pF load. 3 LVDS RTERM = 100 Ω. Measured from the 50% point of the rising edge of CLK+ to the 50% point of the data transition. |
Número de pieza similar - AD9446BSVZ-80 |
|
Descripción similar - AD9446BSVZ-80 |