Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0015477648 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0015477648
Descripción Electrónicos  2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX1 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015477648 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0015477648_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015477648_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0015477648
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature,
Shrouded, with Peg, 48 Circuits, 0.38µm Gold (Au) Selective Plating, Tin (Sn) PC Tail
Plating
Documents:
3D Model
Packaging Specification PK-70873-0018 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70567-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70568
Application
Signal, Wire-to-Board
Overview
C-Grid® Products
Product Name
C-Grid
UPC
800754628266
Physical
Breakaway
No
Circuits (Loaded)
48
Circuits (maximum)
48
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Resin
High Temperature Thermoplastic
Net Weight
8.369/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.30mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
2.40mm
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
0.381µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70568 Series


Número de pieza similar - 0015477648_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0015477648 MOLEX2-0015477648 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 48 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
More results

Descripción similar - 0015477648_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0015477510 MOLEX1-0015477510_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477512 MOLEX1-0015477512_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477516 MOLEX1-0015477516_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477566 MOLEX1-0015477566_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477606 MOLEX1-0015477606_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477616 MOLEX1-0015477616_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477618 MOLEX1-0015477618_17 Datasheet
29Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477638 MOLEX1-0015477638_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477656 MOLEX1-0015477656_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477658 MOLEX1-0015477658_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477668 MOLEX1-0015477668_17 Datasheet
29Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com