Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5345B Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza 1N5345B
Descripción Electrónicos  POWER DISSIPATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N5345B Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N5345B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5345B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5345B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5345B Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5345B Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (T
A=25℃)
IR
VR
µA
V
1N5333B
3.3
380
3.0
400
300
1.0
20
0.85
1440
1N5334B
3.6
350
2.5
500
150
1.0
18.7
0.80
1320
1N5335B
3.9
320
2.0
500
50
1.0
17.6
0.54
1220
1N5336B
4.3
290
2.0
500
10
1.0
16.4
0.49
1100
1N5337B
4.7
260
2.0
450
5.0
1.0
15.3
0.44
1010
1N5338B
5.1
240
1.5
400
1.0
1.0
14.4
0.39
930
1N5339B
5.6
220
1.0
400
1.0
2.0
13.4
0.25
865
1N5340B
6.0
200
1.0
300
1.0
3.0
12.7
0.19
790
1N5341B
6.2
200
1.0
200
1.0
3.0
12.4
0.10
765
1N5342B
6.8
175
1.0
200
10
5.2
11.5
0.15
700
1N5343B
7.5
175
1.5
200
10
5.7
10.7
0.15
630
1N5344B
8.2
150
1.5
200
10
6.2
10.0
0.20
580
1N5345B
8.7
150
2.0
200
10
6.6
9.5
0.20
545
1N5346B
9.1
150
2.0
150
7.5
6.9
9.2
0.22
520
1N5347B
10
125
2.0
125
5.0
7.6
8.6
0.22
475
1N5348B
11
125
2.5
125
5.0
8.4
8.0
0.25
430
1N5349B
12
100
2.5
125
2.0
9.1
7.5
0.25
395
1N5350B
13
100
2.5
100
1.0
9.9
7.0
0.25
365
1N5351B
14
100
2.5
75
1.0
10.6
6.7
0.25
340
1N5352B
15
75
2.5
75
1.0
11.5
6.3
0.25
315
1N5353B
16
75
2.5
75
1.0
12.2
6.0
0.30
295
1N5354B
17
70
2.5
75
0.5
12.9
5.8
0.35
280
1N5355B
18
65
2.5
75
0.5
13.7
5.5
0.40
264
1N5356B
19
65
3.0
75
0.5
14.4
5.3
0.40
250
1N5357B
20
65
3.0
75
0.5
15.2
5.1
0.40
237
1N5358B
22
50
3.5
75
0.5
16.7
4.7
0.45
216
1N5359B
24
50
3.5
100
0.5
18.2
4.4
0.55
198
1N5360B
25
50
4.0
110
0.5
19.0
4.3
0.55
190
1N5361B
27
50
5.0
120
0.5
20.6
4.1
0.60
176
1N5362B
28
50
6.0
130
0.5
21.2
3.9
0.60
170
1N5363B
30
40
8.0
140
0.5
22.8
3.7
0.60
158
1N5364B
33
40
10
150
0.5
25.1
3.5
0.60
144
1N5365B
36
30
11
160
0.5
27.4
3.5
0.65
132
1N5366B
39
30
14
170
0.5
29.7
3.1
0.65
122
1N5367B
43
30
20
190
0.5
32.7
2.8
0.70
110
1N5368B
47
25
25
210
0.5
35.8
2.7
0.80
100
1N5369B
51
25
27
230
0.5
38.8
2.5
0.90
93
1N5370B
56
20
35
280
0.5
42.6
2.3
1.00
86
1N5371B
60
20
40
350
0.5
45.5
2.2
1.20
79
1N5372B
62
20
42
400
0.5
47.1
2.1
1.35
76
IZT
mA
Zener voltage
(Note 2)
Max Reverse Leakage
Current
IR
(Note 3)
A
VZ
(Note 4)
V
IZM
(Note 5)
mA
ZZT@IZK =1µA
Type
(Note 1)
Maximum Zener
Impedance
(Note 2)
ZZT@IZT
VZ@IZT
V
1N5333B-1N5388B
Zener Diode
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Número de pieza similar - 1N5345B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5345B MOTOROLA-1N5345B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5345B NJSEMI-1N5345B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
First Components Intern...
1N5345B FCI-1N5345B Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Diotec Semiconductor
1N5345B DIOTEC-1N5345B Datasheet
131Kb / 2P
   Zener Diodes
logo
Frontier Electronics.
1N5345B FRONTIER-1N5345B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
More results

Descripción similar - 1N5345B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHIKUES Electronics
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
   Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
   Power dissipation
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
   Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
   Power dissipation
logo
Nanjing International G...
C1815 DGNJDZ-C1815 Datasheet
1Mb / 2P
   Power dissipation
logo
SHIKUES Electronics
2SB709A SKTECHNOLGY-2SB709A Datasheet
2Mb / 3P
   Power Dissipation
S9011 SKTECHNOLGY-S9011 Datasheet
440Kb / 2P
   Power dissipation
logo
List of Unclassifed Man...
UPD75217CW ETC-UPD75217CW Datasheet
714Kb / 19P
   POWER DISSIPATION
logo
Ohmite Mfg. Co.
ACL-FPA600 OHMITE-ACL-FPA600 Datasheet
243Kb / 2P
   Power Dissipation
logo
SHIKUES Electronics
MMBD2836 SKTECHNOLGY-MMBD2836 Datasheet
191Kb / 1P
   Power dissipation
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com