Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5371B Datasheet(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza 1N5371B
Descripción Electrónicos  POWER DISSIPATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N5371B Datasheet(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N5371B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5371B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5371B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5371B Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5371B Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PW,PULSE WIDTH(ms)
Vz,ZENER VOLTAGE(VOLTS)
FIG.6 -- PEAK SURGECURRENT VERSUS PULSEWIDTH
Vz,ZENER VOLTAGE(VOLTS)
FIG.7 -- ZENERVOLTAGEVERSUS ZENERCURRENT
Vz=6.8 THRU10 VOLTS
FIG.8 -- ZENERVOLTAGEVERSUS ZENERCURRENT
Vz=11 THRU75 VOLTS
FIG.9 -- ZENERVOLTAGEVERSUS ZENERCURRENT
Vz=82 THRU200 VOLTS
Vz,ZENER VOLTAGE(VOLTS)
.1
110
1000
100
.2
.5
1
20
10
5
2
30
VZ=6.8V
VZ=200V
100
1
10
.1
12
4
310
1000
57
68
9
T=25℃
Tc=25℃
100
1
10
.1
10
20
40
30
1000
50
70
60
80
T=25℃
100
1
10
.1
80
100
140
120
1000
160
200
180
220
Ratings And Characteristic Curves
1N5333B-1N5388B
Zener Diode
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1
PACKAGE
SPQ/PCS
CARTON
SPQ/PCS
CARTON
SIZE/CM
CARTON
GW/KG
CARTON
NW/KG
DO-15
3000/AMMO
30000
42X28X31
12.00
10.00


Número de pieza similar - 1N5371B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Digitron Semiconductors
1N5371B DIGITRON-1N5371B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Motorola, Inc
1N5371B MOTOROLA-1N5371B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Semikron International
1N5371B SEMIKRON-1N5371B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Diotec Semiconductor
1N5371B DIOTEC-1N5371B Datasheet
131Kb / 2P
   Zener Diodes
1N5371B DIOTEC-1N5371B Datasheet
85Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

Descripción similar - 1N5371B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHIKUES Electronics
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
   Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
   Power dissipation
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
   Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
   Power dissipation
logo
Nanjing International G...
C1815 DGNJDZ-C1815 Datasheet
1Mb / 2P
   Power dissipation
logo
SHIKUES Electronics
2SB709A SKTECHNOLGY-2SB709A Datasheet
2Mb / 3P
   Power Dissipation
S9011 SKTECHNOLGY-S9011 Datasheet
440Kb / 2P
   Power dissipation
logo
List of Unclassifed Man...
UPD75217CW ETC-UPD75217CW Datasheet
714Kb / 19P
   POWER DISSIPATION
logo
Ohmite Mfg. Co.
ACL-FPA600 OHMITE-ACL-FPA600 Datasheet
243Kb / 2P
   Power Dissipation
logo
SHIKUES Electronics
MMBD2836 SKTECHNOLGY-MMBD2836 Datasheet
191Kb / 1P
   Power dissipation
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com