Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC12DL040 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza ADC12DL040
Descripción Electrónicos  Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL040 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC12DL040 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 9Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 10Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 11Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 12Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 13Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 14Page - National Semiconductor (TI) ADC12DL040 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Transfer Characteristic
20100210
FIGURE 1. Transfer Characteristic
www.national.com
11


Número de pieza similar - ADC12DL040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC12DL040 TI1-ADC12DL040 Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
ADC12DL040 TI1-ADC12DL040 Datasheet
1Mb / 37P
[Old version datasheet]   210mW A/D Converter
ADC12DL040CIVS TI1-ADC12DL040CIVS Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
ADC12DL040CIVS/NOPB TI1-ADC12DL040CIVS/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   210mW A/D Converter
ADC12DL040CIVSX TI1-ADC12DL040CIVSX Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
More results

Descripción similar - ADC12DL040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC12DL040 TI1-ADC12DL040_13 Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Analog Devices
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
logo
Hittite Microwave Corpo...
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
   Dual 13/12-Bit 20/40 MSPS A/D Converter
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Analog Devices
AD9224 AD-AD9224 Datasheet
309Kb / 24P
   Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com