Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0015800107 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0015800107
Descripción Electrónicos  2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX1 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015800107 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0015800107_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015800107_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0015800107
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical,
Shrouded, High Temperature, 10 Circuits, Tin (Sn) Plating, 3.81mm Inside Shroud to
End Circuit Spacing
Documents:
3D Model
Packaging Specification PK-70873-0018 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70567-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70567
Application
Signal, Wire-to-Board
Overview
C-Grid® Products
Product Name
C-Grid
UPC
800755030419
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
2.170/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.30mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
2.36mm
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
Open Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70567 Series
Mates With
SL Crimp Housing 70450 , C-Grid PCB
Receptacle 71395
Use With
Interim Clip 70013


Número de pieza similar - 0015800107_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0015800107 MOLEX2-0015800107 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, Tin (Sn) Plating
More results

Descripción similar - 0015800107_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0015800267 MOLEX1-0015800267_17 Datasheet
44Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800305 MOLEX1-0015800305_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800345 MOLEX1-0015800345_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800401 MOLEX1-0015800401_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800063 MOLEX1-0015800063_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800147 MOLEX1-0015800147_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800403 MOLEX1-0015800403_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800065 MOLEX1-0015800065_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800081 MOLEX1-0015800081_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800121 MOLEX1-0015800121_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800183 MOLEX1-0015800183_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com