Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0015800129 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0015800129
Descripción Electrónicos  2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX1 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015800129 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0015800129_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015800129_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0015800129
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical,
Shrouded, High Temperature, 12 Circuits, 0.38µm Gold, (Au) Selective Plating, Tin (Sn)
PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
Documents:
3D Model
Packaging Specification PK-70873-0018 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70567-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70567
Application
Signal, Wire-to-Board
Overview
C-Grid® Products
Product Name
C-Grid
UPC
800753974647
Physical
Breakaway
No
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
2.473/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.30mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
2.36mm
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
0.381µm
Plating min - Termination
1.905µm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
Open Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70567 Series
Mates With
SL Crimp Housing 70450 , C-Grid PCB
Receptacle 71395
Use With
Interim Clip 70013


Número de pieza similar - 0015800129_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0015800129 MOLEX2-0015800129 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 12 Circuits, 0.38關m (15關) Gold, (Au) Selective Plating
More results

Descripción similar - 0015800129_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0015800267 MOLEX1-0015800267_17 Datasheet
44Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800305 MOLEX1-0015800305_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800345 MOLEX1-0015800345_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800401 MOLEX1-0015800401_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800063 MOLEX1-0015800063_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800147 MOLEX1-0015800147_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800403 MOLEX1-0015800403_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800065 MOLEX1-0015800065_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800081 MOLEX1-0015800081_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800121 MOLEX1-0015800121_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
0015800183 MOLEX1-0015800183_17 Datasheet
33Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole without Peg, Dual Row, Vertical
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com