Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEPR10D-1270AZ-220W Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AMEPR10D-1270AZ-220W
Descripción Electrónicos  up to 0.7A | AC-DC LED driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR10D-1270AZ-220W Datasheet(HTML) 1 Page - AIMTEC

  AMEPR10D-1270AZ-220W Datasheet HTML 1Page - AIMTEC AMEPR10D-1270AZ-220W Datasheet HTML 2Page - AIMTEC AMEPR10D-1270AZ-220W Datasheet HTML 3Page - AIMTEC AMEPR10D-1270AZ-220W Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AMEPR10D-AZ
up to 0.7A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.P
1 of 4
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W) ①
Output
Voltage
Range
(V)
No Load
Output
Voltage
(V max.)
Output
Current
(A)
Input Voltage
(VAC/Hz)
Efficiency
(%)
115
VAC
230
VAC
AMEPR10D-5020AZ+Suffix②
10
36-50
62
0.2
90-264/47-440
78
79
AMEPR10D-4025AZ+Suffix②
10
30-40
62
0.25
90-264/47-440
81
80
AMEPR10D-3630AZ+Suffix②
10.8
24-36
52
0.3
90-264/47-440
80
81
AMEPR10D-3035AZ+Suffix②
10.5
15-30
34
0.35
90-264/47-440
77
78
AMEPR10D-1564AZ+Suffix②
9.6
8-15
23
0.64
90-264/47-440
77
76
AMEPR10D-1270AZ+Suffix②
8.4
5-12
23
0.7
90-264/47-440
78
79
① 
Exceeding the maximum output power will permanently damage the converter.
Model Nomenclature for Ordering:
Add Suffix “-UD”
Universal AC input 90-264VAC (no TRIAC dimming option), IP20
Add Suffix “-UW”
Universal AC input 90-264VAC (no TRIAC dimming option), IP67
Add Suffix “-110D”
AC input 90-135VAC, IP20
Add Suffix “-110W”
AC input 90-135VAC, IP67
Add Suffix “-220D”
AC input 180-264VAC, IP20
Add Suffix “-220W”
AC input 180-264VAC, IP67
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230VAC) and at rated output load unless otherwise specified. See http://www.aimtec.com/terms-
sale
AMEPR10D-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms (cold start)
115VAC
15
A
230VAC
25
Leakage current
115VAC
0.2
mA
230VAC
0.25
Current (Full Load)
115VAC
110
mA
230VAC
55
Power Factor
115VAC
0.9
230VAC
0.9
External fuse (slow blow)
Recommended slow blow Type
1
A
Start up time
200
ms
 AC-DC Constant current LED Driver
 Over Temperature Protection
 Input range 90-264VAC/47-440Hz
 IP20 and IP67 Case
 High Efficiency up to 81%
 Active PFC with TRIAC dimmable
 Operating temperature -20 to 80°C
 Total Harmonic Distortion < 20%
 5 Year Limited Warranty
 SCP, Over Voltage Protection
 Leading or Trailing Edge Triac
Click on Series name for product info on aimtec.com


Número de pieza similar - AMEPR10D-1270AZ-220W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEPR10D-1270AZ AIMTEC-AMEPR10D-1270AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR10D-1270AZ AIMTEC-AMEPR10D-1270AZ Datasheet
357Kb / 4P
   up to 0.7A | AC-DC LED driver
More results

Descripción similar - AMEPR10D-1270AZ-220W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ_16 Datasheet
357Kb / 4P
   up to 0.7A | AC-DC LED driver
AMEPR8D-AZ AIMTEC-AMEPR8D-AZ_16 Datasheet
254Kb / 4P
   up to 0.7A | AC-DC LED Driver
AMEPR8D-2435AZ AIMTEC-AMEPR8D-2435AZ Datasheet
507Kb / 4P
   up to 0.7A | AC-DC LED Driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com