Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM3V3UD Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

No. de pieza FM3V3UD
Descripción Electrónicos  Low clamping voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Página de inicio  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FM3V3UD Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FM3V3UD Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FM3V3UD Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FM3V3UD Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FM3V3UD Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FM3V3UD Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FM3V3UD
Small Package ESD Protection
Feature
With TVS Diode
ESD Protection:Level 4
Low clamping voltage
150 Watts peak pulse power per line(tp=8/20uS)
Ultra low capacitance:300pf max.(I/O to GND.)
Protection one line I/O port
DFN1006-2L
IEC Compatibility
EN61000-4
61000-4-2(ESD):Level 4,Contact:±8kv,Air::±15kv
61000-4-4(EFT):40A-5/50ns
61000-4-5(Surge):4A-8/20us
Mechanical Characteristics
Molded JEDEC DFN1006 package
Packging:Tape and Reel
Flammability rating UL 94V-0
Halgen Free
Device Characteristics
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us)
PPP
100
Watts
Operating Temperature
TJ
-55~150
°
c
Storage Temperature
TSTG
-55~150
°
c
Applications
Lan equipment
Video
DVI
High Speed Data Line
Ethernet
USB 2.0 Power and Data line Protection
E1509F2A-STD-FW-012
Futurewafer Technology Co., Ltd


Número de pieza similar - FM3V3UD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FutureWafer Tech Co.,Lt...
FM3V3UD-300PF FUTUREWAFER-FM3V3UD-300PF Datasheet
489Kb / 5P
   Small Package ESD Protection
More results

Descripción similar - FM3V3UD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Semitech Semic...
SRC0504F SEMITECH-SRC0504F Datasheet
191Kb / 3P
   Low clamping voltage
logo
STMicroelectronics
ESDA7P120-1U1M STMICROELECTRONICS-ESDA7P120-1U1M Datasheet
586Kb / 9P
   Low clamping voltage
February 2017 Rev 2
ESDALC5-1BF4 STMICROELECTRONICS-ESDALC5-1BF4 Datasheet
199Kb / 10P
   Low clamping voltage
February 2014 Rev 1
logo
Shanghai Leiditech Elec...
SMS05 LEIDITECH-SMS05 Datasheet
161Kb / 3P
   Low clamping voltage
SMS05C LEIDITECH-SMS05C Datasheet
161Kb / 3P
   Low clamping voltage
logo
Leshan Radio Company
LTVS8H4.5CAT5G LRC-LTVS8H4.5CAT5G Datasheet
689Kb / 4P
   Low clamping voltage
logo
Micro Commercial Compon...
ESD5V0LB MCC-ESD5V0LB Datasheet
807Kb / 4P
   Low clamping voltage
logo
Rectron Semiconductor
TEP2105LV RECTRON-TEP2105LV Datasheet
283Kb / 4P
   Low clamping voltage
logo
Shanghai Leiditech Elec...
SDA3311DN LEIDITECH-SDA3311DN Datasheet
740Kb / 4P
   Low clamping voltage
logo
Shenzhen Bencent Electr...
BV03CL BENCENT-BV03CL Datasheet
298Kb / 4P
   Low clamping voltage
BV03CW BENCENT-BV03CW Datasheet
306Kb / 4P
   Low clamping voltage
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com