Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM05D5 Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

No. de pieza FM05D5
Descripción Electrónicos  With TVS Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Página de inicio  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FM05D5 Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FM05D5 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FM05D5 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FM05D5 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Symbol
Condition
min
max
Units
Reverse Stand-off Voltage
VRWM
Pin 2 to 1/Pin 1 to 2
5
V
Reverse Breakdown Voltage
VBR
IZ=1mA
Pin to 1/pin 2-1
5.6
9.4
V
Reverse Leakage Current
IR(max)
@VRWM
0.9
uA
Forward Voltage
VF(max)
IF=15mA
1.15
V
Clamping Voltage
VC
IPP=1A tp=8/20us
10
V
Peak Pulse Current
IPP
tp=8/20us
12
A
Junction Capacitance
C I/O
Pin capacitance to GND.
Vdc=0V,f=1MHZ
30
pf
FM05D5G
High watts ESD Protection
Electrical Characteristics
Rating and characteristic curve
FIGURE 1
Power Derating Curve
E1606F2A-STD-FW-035
Futurewafer Technology Co., Ltd


Número de pieza similar - FM05D5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FutureWafer Tech Co.,Lt...
FM05D5 FUTUREWAFER-FM05D5 Datasheet
509Kb / 3P
   High watts ESD Protection
FM05D5G-30PF FUTUREWAFER-FM05D5G-30PF Datasheet
509Kb / 3P
   High watts ESD Protection
More results

Descripción similar - FM05D5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FutureWafer Tech Co.,Lt...
FESD36V FUTUREWAFER-FESD36V Datasheet
764Kb / 3P
   With TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
XBP1012-12 TOREX-XBP1012-12 Datasheet
204Kb / 5P
   TVS Diode
XBP1012 TOREX-XBP1012_12 Datasheet
204Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com