Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB201S Datasheet(PDF) 5 Page - GOOD-ARK Electronics

No. de pieza LB201S
Descripción Electrónicos  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LB201S Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  LB201S Datasheet HTML 1Page - GOOD-ARK Electronics LB201S Datasheet HTML 2Page - GOOD-ARK Electronics LB201S Datasheet HTML 3Page - GOOD-ARK Electronics LB201S Datasheet HTML 4Page - GOOD-ARK Electronics LB201S Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LB201S thru LB2010S
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 100~1000V Output Current 2.0A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou Good-
Ark product best suited to the customer ’ s application; they do not convey any license under any
intellectual property rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a
third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of any
third-party’s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or
circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are
subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product improvements
or other reasons. It is therefore recommended that customers contact Suzhou Good-Ark Electronics Co.,
Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest product information before
purchasing a product listed herein. The information described here may contain technical inaccuracies or
typographical errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage,
liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information
published by Suzhou Good-Ark Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data, diagrams,
charts, programs, and algorithms, Please be sure to evaluate all information as a total system before
making a final decision on the applicability of the information and products. Suzhou Good-Ark Electronics
Co., Ltd. assumes no responsibility for any damage, liability or other loss resulting from the information
contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or reproduce in
whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on
these materials or the products contained herein.
www.goodark.com
5/5
2016.01-Rev.B


Número de pieza similar - LB201S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
LB201 SEOUL-LB201 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB201 SEOUL-LB201 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB201 SEOUL-LB201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB201 SEOUL-LB201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB201 SEOUL-LB201 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Descripción similar - LB201S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
LM02 GOOD-ARK-LM02 Datasheet
374Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02 GOOD-ARK-LMR02 Datasheet
366Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM102 GOOD-ARK-LM102 Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM02A GOOD-ARK-LM02A Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM202 GOOD-ARK-LM202 Datasheet
378Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM210 GOOD-ARK-LM210 Datasheet
377Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMD02 GOOD-ARK-LMD02 Datasheet
388Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02A GOOD-ARK-LMR02A Datasheet
390Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LB1610S GOOD-ARK-LB1610S Datasheet
512Kb / 5P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02C GOOD-ARK-LMR02C Datasheet
389Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com