Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS54J64IRMPT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS54J64IRMPT
Descripción Electrónicos  Quad-Channel, 14-Bit, 1-GSPS, 2x Oversampling, Analog-to-Digital Converter
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J64IRMPT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS54J64IRMPT Datasheet HTML 3Page - Texas Instruments ADS54J64IRMPT Datasheet HTML 4Page - Texas Instruments ADS54J64IRMPT Datasheet HTML 5Page - Texas Instruments ADS54J64IRMPT Datasheet HTML 6Page - Texas Instruments ADS54J64IRMPT Datasheet HTML 7Page - Texas Instruments ADS54J64IRMPT Datasheet HTML 8Page - Texas Instruments ADS54J64IRMPT Datasheet HTML 9Page - Texas Instruments ADS54J64IRMPT Datasheet HTML 10Page - Texas Instruments ADS54J64IRMPT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
7
ADS54J64
www.ti.com
SBAS841 – OCTOBER 2017
Product Folder Links: ADS54J64
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Crosstalk is measured with a –1-dBFS input signal on the aggressor channel and no input on the victim channel.
6.5 Electrical Characteristics
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = +100°C, input clock frequency = 1 GHz,
50% clock duty cycle, output sample rate = 500 MSPS, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –1-dBFS differential input,
and fIN = 190 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
ADC sampling rate
1 GSPS
Resolution
14
Bits
POWER SUPPLY
AVDD19
1.9-V analog supply
1.85
1.9
1.95
V
AVDD
1.15-V analog supply
1.1
1.15
1.2
V
DVDD
1.15-V digital supply
1.1
1.15
1.2
V
IAVDD19
1.9-V analog supply current
100-MHz, full-scale input on all four channels
618
mA
IAVDD
1.15-V analog supply current
100-MHz, full-scale input on all four channels
415
mA
IDVDD
1.15-V digital supply current
DDC bypass mode (mode 8), 100-MHz, full-scale
input on all four channels
629
mA
Mode 3, 100-MHz, full-scale input on all four
channels
730
Mode 0 and 2, 100-MHz, full-scale input on all four
channels
674
Mode 1, 4, 6, and 7, 100-MHz, full-scale input on
all four channels
703
PDIS
Total power dissipation
DDC bypass mode (mode 8), 100-MHz, full-scale
input on all four channels
2.37
W
Mode 3, 100-MHz, full-scale input on all four
channels
2.49
Mode 0 and 2, 100-MHz, full-scale input on all four
channels
2.42
Mode 1, 4, 6, and 7, 100-MHz, full-scale input on
all four channels
2.46
Global power-down power
dissipation
Full-scale input on all four channels
120
mW
ANALOG INPUTS
Differential input full-scale
voltage
1.1
VPP
Input common-mode voltage
1.3
V
Differential input resistance
At fIN = dc
4
Differential input capacitance
2.5
pF
Analog input bandwidth (3 dB)
1000
MHz
ISOLATION
Crosstalk(1) isolation between
near channels
(channels A and B are near to
each other, channels C and D
are near to each other)
fIN = 10 MHz
75
dBFS
fIN = 100 MHz
75
fIN = 170 MHz
74
fIN = 270 MHz
72
fIN = 370 MHz
71
fIN = 470 MHz
70
Crosstalk(1) isolation between
far channels
(channels A and B are far from
channels C and D)
fIN = 10 MHz
110
dBFS
fIN = 100 MHz
110
fIN = 170 MHz
110
fIN = 270 MHz
110
fIN = 370 MHz
110
fIN = 470 MHz
110


Número de pieza similar - ADS54J64IRMPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60IRMP TI1-ADS54J60IRMP Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60IRMPT TI1-ADS54J60IRMPT Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
ADS54J66IRMP TI1-ADS54J66IRMP Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
More results

Descripción similar - ADS54J64IRMPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
ADC32RF42 TI1-ADC32RF42 Datasheet
5Mb / 127P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com