Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3352BZCZT60R Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM3352BZCZT60R
Descripción Electrónicos  Sitara Processors
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AM3352BZCZT60R Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM3352BZCZT60R Datasheet HTML 90Page - Texas Instruments AM3352BZCZT60R Datasheet HTML 91Page - Texas Instruments AM3352BZCZT60R Datasheet HTML 92Page - Texas Instruments AM3352BZCZT60R Datasheet HTML 93Page - Texas Instruments AM3352BZCZT60R Datasheet HTML 94Page - Texas Instruments AM3352BZCZT60R Datasheet HTML 95Page - Texas Instruments AM3352BZCZT60R Datasheet HTML 96Page - Texas Instruments AM3352BZCZT60R Datasheet HTML 97Page - Texas Instruments AM3352BZCZT60R Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 253 page
background image
94
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
5.9
External Capacitors
To improve module performance, decoupling capacitors are required to suppress the switching noise
generated by high frequency and to stabilize the supply voltage. A decoupling capacitor is most effective
when it is close to the device, because this minimizes the inductance of the circuit board wiring and
interconnects.
5.9.1
Voltage Decoupling Capacitors
Table 5-13 summarizes the Core voltage decoupling characteristics.
5.9.1.1
Core Voltage Decoupling Capacitors
To improve module performance, decoupling capacitors are required to suppress high-frequency switching
noise and to stabilize the supply voltage. A decoupling capacitor is most effective when located close to
the AM335x device, because this minimizes the inductance of the circuit board wiring and interconnects.
Table 5-13. Core Voltage Decoupling Characteristics
PARAMETER
TYP
UNIT
CVDD_CORE
(1)
10.08
μF
CVDD_MPU
(2)(3)
10.05
μF
(1) The typical value corresponds to 1 cap of 10
μF and 8 caps of 10 nF.
(2) Not available on the ZCE package. VDD_MPU is merged with VDD_CORE on the ZCE package.
(3) The typical value corresponds to 1 cap of 10
μF and 5 caps of 10 nF.
5.9.1.2
IO and Analog Voltage Decoupling Capacitors
Table 5-14 summarizes the power-supply decoupling capacitor recommendations.
Table 5-14. Power-Supply Decoupling Capacitor Characteristics
PARAMETER
TYP
UNIT
CVDDA_ADC
10
nF
CVDDA1P8V_USB0
10
nF
CCVDDA3P3V_USB0
10
nF
CVDDA1P8V_USB1
(1)
10
nF
CVDDA3P3V_USB1
(1)
10
nF
CVDDS
(2)
10.04
μF
CVDDS_DDR
(3)
CVDDS_OSC
10
nF
CVDDS_PLL_DDR
10
nF
CVDDS_PLL_CORE_LCD
10
nF
CVDDS_SRAM_CORE_BG
(4)
10.01
μF
CVDDS_SRAM_MPU_BB
(5)
10.01
μF
CVDDS_PLL_MPU
10
nF
CVDDS_RTC
10
nF
CVDDSHV1
(6)
10.02
μF
CVDDSHV2
(1)(6)
10.02
μF
CVDDSHV3
(1)(6)
10.02
μF
CVDDSHV4
(6)
10.02
μF
CVDDSHV5
(6)
10.02
μF
CVDDSHV6
(7)
10.06
μF


Número de pieza similar - AM3352BZCZT60R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3352BZCZT60R TI1-AM3352BZCZT60R Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZT60R TI1-AM3352BZCZT60R Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZT60R TI1-AM3352BZCZT60R Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZT60R TI1-AM3352BZCZT60R Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

Descripción similar - AM3352BZCZT60R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com