Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSR-3006 Datasheet(PDF) 1 Page - Suntan Capacitors

No. de pieza TSR-3006
Descripción Electrónicos  Square Trimming Potentiometer ??3006 & 3362
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAN [Suntan Capacitors]
Página de inicio  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSR-3006 Datasheet(HTML) 1 Page - Suntan Capacitors

  TSR-3006_17 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Square Trimming Potentiometer – 3006 & 3362
Suntan®
TSR-3006 & 3362
TSR-3006
TSR-3362
玻璃釉微調電位器
TSR-3006
多圈的
/金屬陶瓷/工業用/密封
(Multiturn/ Cermet/ Industrial/ Sealed)
TSR-3362
單圈的
/金屬陶瓷/工業用/密封
(Single Turn/ Cermet/ Industrial/ Sealed)
3 種引線的安裝尺寸
(3 Terminal Styles)
9 種引線的安裝尺寸
(9 Terminal Styles)
電氣特性
Electrical Characteristics
TSR-3006
TSR-3362
標稱阻值範圍
Standard Resistance Range
10Ω - 5MΩ
10Ω - 5MΩ
阻值允許偏差
Resistance Tolerance
±
10%
±
10%
(±20% only for 10 ohm)
終端電阻
Absolute Minimum Resistance
≤1% R 或 5n
≤1% R 或 10n
接觸電阻變化
Contact Resistance Variation
CRV≤4%或 5n
CRV≤3%或 5Ω
絶緣電阻
Insulation Resistance
R1≥1GΩ(100Vac)
R1≥1GΩ(500Vac)
耐電壓
Withstand Voltage
640Vac
700Vac
有效行程
Effective Travel
22±2 turns nom
250o±10 o
環境特性
Environmental Characteristics
TSR-3006
TSR-3362
額定功率
Power Rating
(315volts max)
0.75W@70℃, 0W@125℃ 0.5W@70℃, 0W@125℃
溫度範圍
Temperature Range
-55℃ ~ +125℃
-55℃ ~ +125℃
溫度系數
Temperature Coefficient
General offer ±250 ppm/℃
(±100ppm/℃ is available if
request.)
General offer ±250 ppm/℃
(±100ppm/℃ is available
if request.)
溫度變化
Temperature Variation
-55℃,30min, +125℃
30min, 循環 5 次 5 cycles
ΔR≤5%R.Δ(Uab/Uac)≤5%
-55℃,30min, +125℃
30min, 循環 5 次 5 cycles
ΔR≤5%R.Δ(Uab/Uac)≤5%
振動
Vibration
10 – 500Hz, 0.75mm, 6h
ΔR≤5%R,Δ(Uab/Uac)≤7.5%
10 – 500Hz, 0.75mm, 6h
ΔR≤5%R,Δ(Uab/Uac)≤7.5%
碰撞
Collision
390m/s2,4000cycles,ΔR≤2%R
390m/s2,4000cycles,ΔR≤5%R
70℃耐久性
Electrical Endurance at
70℃
0.75W@70℃
1000h, ΔR≤5%R
CRV≤3% or 5Ω
0.5W@70℃
1000h, ΔR≤10%R
R1≥100MΩ
機械壽命
Rotational Life
200 周 (200 cycles)
ΔTR≤10%R,CRV≤3% or 5n
200 周 (200 cycles)
ΔTR≤10%R,CRV≤3% or 5n
阻值代碼表
Standard Resistance table
Resistance(Ohms) Resistance Code
10
100
20
200
50
500
100
101
150
151
200
201
250
251
300
301
470
471
500
501
680
681
1,000
102
1,500
152
2,000
202
2,200
222
2,500
252
3,000
302
4,700
472
5,000
502
6,800
682
10,000
103
15,000
153
20,000
203
22,000
223
25,000
253
30,000
303
33,000
333
47,000
473
50,000
503
68,000
683
100,000
104
150,000
154
200,000
204
220,000
224
250,000
254
300,000
304
330,000
334
470,000
474
500,000
504
680,000
684
1,000,000
105
2,000,000
205
2,200,000
225
5,000,000
505
可按用戶要求提供特殊規格
Special resistances available.
訂購指南
How to Order
TSR-3006 / 3362 --- W --- 103 -- R
型號
Model
式樣
Style
阻值代碼
Resistance Code
RoHS
電刷
WIPER 2(d)
順時針
CLOCKWISE
圖中公差
: 除注明外均為±0.25
Tolerance is ±0.25 if no identification
物理特性
Physical Characteristics
TSR-3006
TSR-3362
起動力矩
Starting Torque
≤35mN·m
≤35mN·m
標誌
Marking
阻值允許偏差
(±10%不標注)
阻值代碼
·產品型號
Resistance Tolerance
(When no identification, it
is of ± 10%)
Resistance Code, Model
阻值允許偏差
(±10%不標注)
阻值代碼
·產品型號
Resistance Tolerance
(When no identification, it
is of ± 10%)
Resistance Code, Model
標準包裝
Standard
Packaging
25 只/管
(25pcs, per tube)
50 只/管
(50pcs, per tube)
TSR-3006
共有尺寸
Common Dimensions
TSR-3362
Common Dimensions
Top Adjust
頂調式
TSR-3362H
TSR-3362R
TSR-3362P
TSR-3362U
TSR-3006W
TSR-3006Y
TSR-3006P
Common Dimensions
Side Adjust
側調式
TSR-3362S
TSR-3362X
TSR-3362W
TSR-3362Z
TSR-3362M
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Número de pieza similar - TSR-3006_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TSR-3006 SUNTAN-TSR-3006 Datasheet
725Kb / 1P
   Square Trimming Potentiometer - 3006 & 3362
More results

Descripción similar - TSR-3006_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TSR-3362 SUNTAN-TSR-3362 Datasheet
724Kb / 1P
   Square Trimming Potentiometer - 3006 & 3362
TSR-3006 SUNTAN-TSR-3006 Datasheet
725Kb / 1P
   Square Trimming Potentiometer - 3006 & 3362
TSR-3386 SUNTAN-TSR-3386 Datasheet
1Mb / 2P
   Square Trimming Potentiometer - 3006 & 3362
logo
Kingtronics Internation...
RKT-3006 KINGTRONICS-RKT-3006 Datasheet
356Kb / 1P
   RKT-3006 SQUARE TRIMMING POTENTIOMETER
logo
Bourns Electronic Solut...
3362W-1-204LF BOURNS-3362W-1-204LF Datasheet
164Kb / 2P
   3362 - 1/4 ??Square Trimming Potentiometer
3362P-1-502T-LF BOURNS-3362P-1-502T-LF Datasheet
164Kb / 2P
   3362 1/4 Square Trimming Potentiometer
3362P-1-504 BOURNS-3362P-1-504 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-203 BOURNS-3362P-1-203 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362S-1-204 BOURNS-3362S-1-204 Datasheet
283Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com