Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM76002 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM76002
Descripción Electrónicos  3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM76002 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 33Page - Texas Instruments LM76002 Datasheet HTML 34Page - Texas Instruments LM76002 Datasheet HTML 35Page - Texas Instruments LM76002 Datasheet HTML 36Page - Texas Instruments LM76002 Datasheet HTML 37Page - Texas Instruments LM76002 Datasheet HTML 38Page - Texas Instruments LM76002 Datasheet HTML 39Page - Texas Instruments LM76002 Datasheet HTML 40Page - Texas Instruments LM76002 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
VOUT
PGOOD
(2 A/DIV)
Time (5 ms/DIV)
IINDUCTOR
(2 V/DIV)
(2 V/DIV)
Enable
(2 V/DIV)
VOUT
PGOOD
(2 A/DIV)
Time (5 ms/DIV)
IINDUCTOR
(2 V/DIV)
(2 V/DIV)
Enable
(2 V/DIV)
VOUT
VSW
(500 mA/
DIV)
Time (2 µs/DIV)
IINDUCTOR
(20 mV/DIV)
(5 V/DIV)
VOUT
PGOOD
(2 A/DIV)
Time (5 ms/DIV)
IINDUCTOR
(2 V/DIV)
(2 V/DIV)
Enable
(2 V/DIV)
VOUT
VSW
(500 mA/
DIV)
Time (2 µs/DIV)
IINDUCTOR
(20 mV/DIV)
(5 V/DIV)
VOUT
VSW
(500 mA/
DIV)
Time (2 µs/DIV)
IINDUCTOR
(20 mV/DIV)
(5 V/DIV)
37
LM76002, LM76003
www.ti.com
SNVSAK0 – OCTOBER 2017
Product Folder Links: LM76002 LM76003
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Unless otherwise specified the following conditions apply:
VIN = 12 V
VOUT = 5 V
fSW = 500 kHz
No Load
FPWM Mode
Figure 59. LM76003 Switching Waveform and Output
Ripple
VIN = 12 V
VOUT = 5 V
fSW = 500 kHz
100-mA Load
Auto Mode
Figure 60. LM76003 Switching Waveform and Output
Ripple
VIN = 12 V
VOUT = 5 V
fSW = 500 kHz
100-mA Load
FPWM Mode
Figure 61. LM76003 Switching Waveform and Output
Ripple
VIN = 12 V
VOUT = 3.3 V
fSW = 500 kHz
No Load
Auto Mode
Figure 62. LM76003 Start-up Waveform
VIN = 12 V
VOUT = 3.3 V
fSW = 500 kHz
No Load
FPWM Mode
Figure 63. LM76003 Start-up Waveform
VIN = 12 V
VOUT = 5 V
fSW = 500 kHz
No Load
Auto Mode
Figure 64. LM76003 Start-up Waveform


Número de pieza similar - LM76002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM76002 TI1-LM76002 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q TI1-LM76002-Q Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002QRNPRQ1 TI1-LM76002QRNPRQ1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002QRNPTQ1 TI1-LM76002QRNPTQ1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
More results

Descripción similar - LM76002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com