Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPT8241NBNL Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza OPT8241NBNL
Descripción Electrónicos  3D Time-of-Flight Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

OPT8241NBNL Datasheet(HTML) 3 Page - Texas Instruments

  OPT8241NBNL Datasheet HTML 1Page - Texas Instruments OPT8241NBNL Datasheet HTML 2Page - Texas Instruments OPT8241NBNL Datasheet HTML 3Page - Texas Instruments OPT8241NBNL Datasheet HTML 4Page - Texas Instruments OPT8241NBNL Datasheet HTML 5Page - Texas Instruments OPT8241NBNL Datasheet HTML 6Page - Texas Instruments OPT8241NBNL Datasheet HTML 7Page - Texas Instruments OPT8241NBNL Datasheet HTML 8Page - Texas Instruments OPT8241NBNL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
A
SDATA
GND
VMIXH
GND
GND
VMIXH
VMIXH
GND
ILLUM_P
ILLUM_N
DVDDH
GND
ILLUM_
EN
AVDDH
AVDD_
PLL
NC
B
GPO[1]
SCLK
SUB_
BIAS
MCLK
C
VD_IN
RSTZ
NC
DEMOD_
CLK
D
HD_QD
AVDD
RFU
TP2
E
VD_QD
AVSS
PVDD
QPORT
F
VD_FR
REFM
AVSS_
PLL
IOVDD
G
IOVSS
REFP
AVDD
DVSS
H
IOVDD
AVSS
AVSS
DVDD
J
CMOS[14]
VD_SF
TP1
SUM_M
K
CMOS[13]
CMOS[15]
SUM_P
DIFF1_M
L
CMOS[12]
CMOS[11]
DIFF1_P
DCLKM
M
CMOS[9]
CMOS[8]
CLKOUT
CMOS[7]
CMOS[6]
CMOS[5]
CMOS[4]
CMOS[3]
CMOS[2]
CMOS[1]
CMOS[0]
PCLK_P
PCLK_M
DIFF0_P
DIFF0_M
DCLKP
NC
VMIXH
NC
NC
2
CMOS[10]
GPO[0]
OPT8241
www.ti.com
SBAS704B – JUNE 2015 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
NBN Package
COG-78
Top View (Representative, Not to Scale)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPT8241


Número de pieza similar - OPT8241NBNL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OPT8241NBN TI1-OPT8241NBN Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
More results

Descripción similar - OPT8241NBNL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
   ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
   Time-of-Flight ranging Sensor-4M
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
   Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com