Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G126DCK Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza SN74AUP1G126DCK
Descripción Electrónicos  Low-Power Single Bus Buffer Gate With Tri-State Output
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G126DCK Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G126DCK Datasheet HTML 6Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 7Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 8Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 9Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 10Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 11Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 12Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 13Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
10
SN74AUP1G126
SCES596G – JULY 2004 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: SN74AUP1G126
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.9 Switching Characteristics: CL = 30 pF
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 2 and Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A or B
Y
VCC = 0.8 V
TA = 25°C
29
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
7.4
12
18.7
TA = –40°C to +85°C
6.6
21.4
VCC = 1.5 V ± 0.1 V
TA = 25°C
5.7
8.6
12.5
TA = –40°C to +85°C
4.9
14.7
VCC = 1.8 V ± 0.15 V
TA = 25°C
4.8
6.9
10.1
TA = –40°C to +85°C
3.1
12
VCC = 2.5 V ± 0.2 V
TA = 25°C
3.9
5.1
7.2
TA = –40°C to +85°C
3.3
8.7
VCC = 3.3 V ± 0.3 V
TA = 25°C
3.5
4.8
6
TA = –40°C to +85°C
3
7
ten
OE
Y
VCC = 0.8 V
TA = 25°C
33.4
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
8.8
14.1
21.8
TA = –40°C to +85°C
7.4
25.5
VCC = 1.5 V ± 0.1 V
TA = 25°C
6.9
10.1
14.6
TA = –40°C to +85°C
5.6
17.4
VCC = 1.8 V ± 0.15 V
TA = 25°C
5.6
8.1
12
TA = –40°C to +85°C
4.7
14.1
VCC = 2.5 V ± 0.2 V
TA = 25°C
4.3
6.1
8.5
TA = –40°C to +85°C
3.8
10
VCC = 3.3 V ± 0.3 V
TA = 25°C
3.7
5.2
7.1
TA = –40°C to +85°C
3.4
8.3
tdis
OE
Y
VCC = 0.8 V
TA = 25°C
17.7
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
5.8
10
16
TA = –40°C to +85°C
3.7
16
VCC = 1.5 V ± 0.1 V
TA = 25°C
5.7
7.7
10.9
TA = –40°C to +85°C
1
10.7
VCC = 1.8 V ± 0.15 V
TA = 25°C
4.5
7.7
9.8
TA = –40°C to +85°C
4.4
12.5
VCC = 2.5 V ± 0.2 V
TA = 25°C
3.9
5.6
7.4
TA = –40°C to +85°C
3.2
9
VCC = 3.3 V ± 0.3 V
TA = 25°C
3.3
8.4
10.7
TA = –40°C to +85°C
6.6
10.8


Número de pieza similar - SN74AUP1G126DCK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G126DCK TI1-SN74AUP1G126DCK Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G126DCKR TI-SN74AUP1G126DCKR Datasheet
366Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATS OUTPUT
SN74AUP1G126DCKR TI-SN74AUP1G126DCKR Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126DCKR TI1-SN74AUP1G126DCKR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126DCKR TI1-SN74AUP1G126DCKR Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

Descripción similar - SN74AUP1G126DCK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com